Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP05 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EP05
Description  ECL 2?륤nput Differential AND/NAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP05 Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EP05_16 Datasheet HTML 1Page - ON Semiconductor MC10EP05_16 Datasheet HTML 2Page - ON Semiconductor MC10EP05_16 Datasheet HTML 3Page - ON Semiconductor MC10EP05_16 Datasheet HTML 4Page - ON Semiconductor MC10EP05_16 Datasheet HTML 5Page - ON Semiconductor MC10EP05_16 Datasheet HTML 6Page - ON Semiconductor MC10EP05_16 Datasheet HTML 7Page - ON Semiconductor MC10EP05_16 Datasheet HTML 8Page - ON Semiconductor MC10EP05_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP05, MC100EP05
www.onsemi.com
5
Table 8. 100EP DC CHARACTERISTICS, PECL (VCC = 3.3 V, VEE = 0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
15
25
32
17
27
36
19
28
38
mA
VOH
Output HIGH Voltage (Note 2)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 2)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single-Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single-Ended)
1355
1675
1355
1675
1355
1675
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
2. All loading with 50 W to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 9. 100EP DC CHARACTERISTICS, PECL (VCC = 5.0 V, VEE = 0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
15
25
32
17
27
36
19
28
38
mA
VOH
Output HIGH Voltage (Note 2)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 2)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single-Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single-Ended)
3055
3375
3055
3375
3055
3375
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
2. All loading with 50 W to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC10EP05_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 8P
   2-Input Differential AND/NAND
Sep, 1999 ??Rev. 1.0
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05D ONSEMI-MC10EP05D Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05D ONSEMI-MC10EP05D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP05DG ONSEMI-MC10EP05DG Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
More results

Similar Description - MC10EP05_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05_16 Datasheet
169Kb / 8P
   5V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 7
MC100LVEL05 ONSEMI-MC100LVEL05_16 Datasheet
169Kb / 6P
   3.3V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 5
MC10EL04 ONSEMI-MC10EL04_16 Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com