Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10ELT25 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10ELT25
Description  Differential ECL to TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT25 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10ELT25 Datasheet HTML 1Page - ON Semiconductor MC10ELT25 Datasheet HTML 2Page - ON Semiconductor MC10ELT25 Datasheet HTML 3Page - ON Semiconductor MC10ELT25 Datasheet HTML 4Page - ON Semiconductor MC10ELT25 Datasheet HTML 5Page - ON Semiconductor MC10ELT25 Datasheet HTML 6Page - ON Semiconductor MC10ELT25 Datasheet HTML 7Page - ON Semiconductor MC10ELT25 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 14
1
Publication Order Number:
MC10ELT25/D
MC10ELT25, MC100ELT25
-5 V Differential ECL to TTL
Translator
Description
The MC10ELT/100ELT25 is a differential ECL to TTL translator.
Because ECL levels are used, a +5 V, −5.2 V (or −4.5 V) and ground
are required. The small outline 8-lead package and the single gate of
the ELT25 makes it ideal for those applications where space,
performance and low power are at a premium.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
2.6 ns Typical Propagation Delay
100 MHz FMAX CLK
24 mA TTL Outputs
Flow Through Pinouts
Operating Range: VCC = 4.5 V to 5.5 V with GND = 0 V;
VEE = −4.2 V to −5.7 V with GND = 0 V
Internal Input 50 KW Pulldown Resistors
Q Output will default HIGH with inputs open or < 1.3 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
H
= MC10
K
= MC100
5F
= MC10
2U
= MC100
M
= Date Code
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYW
G
G
HT25
ALYW
G
G
KT25
1
8
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
8
HLT25
ALYW
G
1
8
KLT25
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14
(Note: Microdot may be in either location)


Similar Part No. - MC10ELT25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT25D ONSEMI-MC10ELT25D Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
MC10ELT25D ONSEMI-MC10ELT25D Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT25DG ONSEMI-MC10ELT25DG Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
More results

Similar Description - MC10ELT25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com