Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10ELT24 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10ELT24
Description  5V TTL to Differential ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT24 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10ELT24 Datasheet HTML 1Page - ON Semiconductor MC10ELT24 Datasheet HTML 2Page - ON Semiconductor MC10ELT24 Datasheet HTML 3Page - ON Semiconductor MC10ELT24 Datasheet HTML 4Page - ON Semiconductor MC10ELT24 Datasheet HTML 5Page - ON Semiconductor MC10ELT24 Datasheet HTML 6Page - ON Semiconductor MC10ELT24 Datasheet HTML 7Page - ON Semiconductor MC10ELT24 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10ELT24, MC100ELT24
www.onsemi.com
4
Table 6. TTL INPUT DC CHARACTERISTICS VCC = 4.5 V to 5.5 V; VEE = −4.2 V to −5.5 V; GND = 0.0 V; TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN = 2.7 V
20
mA
IIHH
Input HIGH Current
VIN = 7.0 V
100
mA
IIL
Input LOW Current
VIN = 0.5 V
−0.6
mA
VIK
Input Clamp Diode Voltage
IIN = −18 mA
−1.2
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Table 7. AC CHARACTERISTICS VCC = 4.5 V to 5.5 V; VEE = −4.2 V to −5.5 V; GND = 0.0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
400
MHz
tPLH
Propagation Delay (Note 7)
1.5 V to 50%
0.5
2.0
0.5
0.95
2.0
0.5
2.0
ns
tPHL
Propagation Delay (Note 7)
1.5 V to 50%
0.5
2.0
0.5
0.8
2.0
0.5
2.0
ns
tJITTER
Random Clock Jitter (RMS)
2.5
ps
tr/tf
Output Rise/Fall Time
(20−80%)
0.25
1.25
0.25
1.25
0.25
1.25
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
7. Specifications for standard TTL input signal.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC10ELT24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24D ONSEMI-MC10ELT24D Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24D ONSEMI-MC10ELT24D Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24DG ONSEMI-MC10ELT24DG Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
More results

Similar Description - MC10ELT24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com