Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-C034UVH395 Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTPL-C034UVH395
Description  LED HIGH POWER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C034UVH395 Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTPL-C034UVH395 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-C034UVH395 Datasheet HTML 13Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8/15
Part No. : LTPL-C034UVH395
BNS-OD-FC002/A4
LED HIGH POWER
LTPL-C034UVH395 Datasheet
7. Reliability Test Plan
No
Test item
Condition
Duration
Number
of Failed
Pre-condition
MSL 3
125℃, 24hrs baking
Moisture Soak 60℃/ 60% 52hrs
Interal: 15min~4 hous to do IR-Reflow
Before
and
after
Qualification
Parts before
Test
#1,2,3,4,5,6
1
Low Temperature Operating Life
(LTOL)
Tc= -10°C, If = 500mA
1000 hrs
0/10
2
Room Temperature Operating Life
(RTOL)
25°C, If = 700mA
1000 hrs
0/10
3
High Temperature Operating Life
(HTOL)
Tc= 85°C, If = 60mA
1000 hrs
0/10
4
Wet High Temperature Operating Life
(WHTOL)
60°C/90%RH, If = 350mA
500 hrs
0/10
5
Non-Operating Thermal Shock
(TMSK)
-40°C to 125°C
30 minutes dwell, <10 seconds transfer
100 cycles
0/10
6
High temperature storage
TA=100°C
1000 hrs
0/10
7
Resistance to Soldering Heat
(Reflow Soldering)
(Pre-store @ 25°C, 60±5% RH for 168hrs)
TSld = 260°C, 10 sec
2 times
0/10
8
Solderability Test
245'C, 5sec
Pb free solder, wetting >95%
1 time
0/10
Notes:
1. Operating life test are mounted on thermal heat sink
2. Storage item are only component, not put on heat sink.
Criteria for Judging the Damage
Item
Symbol
Test Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
Vf
If = Typical Current
-10%
+10%
Radiant Flux
Φe
If = Typical Current
-15%
+15%


Similar Part No. - LTPL-C034UVH395

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C034UVH365 LITEON-LTPL-C034UVH365 Datasheet
611Kb / 17P
   LED HIGH POWER
LTPL-C034UVH365 LITEON-LTPL-C034UVH365 Datasheet
877Kb / 21P
   LED HIGH POWER
LTPL-C034UVH375 LITEON-LTPL-C034UVH375 Datasheet
699Kb / 16P
   Specific Lighting
LTPL-C034UVH385 LITEON-LTPL-C034UVH385 Datasheet
614Kb / 17P
   LED HIGH POWER
LTPL-C034UVH385 LITEON-LTPL-C034UVH385 Datasheet
877Kb / 21P
   LED HIGH POWER
More results

Similar Description - LTPL-C034UVH395

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com