Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2088BB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT82V2088BB
Description  OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2088BB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT82V2088BB Datasheet HTML 6Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 7Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 8Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 9Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 10Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 11Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 12Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 13Page - Integrated Device Technology IDT82V2088BB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
10
INDUSTRIAL
TEMPERATURE RANGES
OCTAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
Notes:
1. The footprint ‘n’ (n = 1~8) represents one of the eight channels.
2. The name and address of the registers that contain the preceding bit. Only the address of channel 1 register is listed, the rest addresses are represented by ‘...’. Users can find
these omitted addresses in the Register Description section.
2
PIN DESCRIPTION
Table-1 Pin Description
Name
Type
Pin No.
Description
PQFP208
PBGA208
Transmit and Receive Line Interface
TTIP1
TTIP2
TTIP3
TTIP4
TTIP5
TTIP6
TTIP7
TTIP8
TRING1
TRING2
TRING3
TRING4
TRING5
TRING6
TRING7
TRING8
Output
Analog
164
177
184
197
64
77
84
97
163
178
183
198
63
78
83
98
A13
A8
C8
A3
T3
P8
T8
T13
B13
B8
D8
B3
R3
N8
R8
R13
TTIPn1/TRINGn: Transmit Bipolar Tip/Ring for Channel 1~8
These pins are the differential line driver outputs and can be set to high impedance state globally or
individually. A logic high on THZ pin turns all these pins into high impedance state. When THZ bit
(TCF1, 03H...)2 is set to ‘1’, the TTIPn/TRINGn in the corresponding channel is set to high impedance
state.
In summary, these pins will become high impedance in the following conditions:
THZ pin is high: all TTIPn/TRINGn enter high impedance;
THZn bit is set to 1: the corresponding TTIPn/TRINGn become high impedance;
Loss of MCLK: all TTIPn/TRINGn pins become high impedance;·
Loss of TCLKn: the corresponding TTIPn/TRINGn become HZ (exceptions: Remote Loopback;
Transmit internal pattern by MCLK);
Transmitter path power down: the corresponding TTIPn/TRINGn become high impedance;
After software reset; pin reset and power on: all TTIPn/TRINGn enter high impedance.
RTIP1
RTIP2
RTIP3
RTIP4
RTIP5
RTIP6
RTIP7
RTIP8
RRING1
RRING2
RRING3
RRING4
RRING5
RRING6
RRING7
RRING8
Input
Analog
169
172
189
192
69
72
89
92
168
173
188
193
68
73
88
93
C11
A11
C5
A5
T5
P5
T11
P11
D11
B11
D5
B5
R5
N5
R11
N11
RTIPn/RRINGn: Receive Bipolar Tip/Ring for Channel 1~8
These pins are the differential line receiver inputs.


Similar Part No. - IDT82V2088BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2088BB IDT-IDT82V2088BB Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088BB IDT-IDT82V2088BB Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2088BBG RENESAS-IDT82V2088BBG Datasheet
922Kb / 79P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
November 2012
More results

Similar Description - IDT82V2088BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2088 RENESAS-IDT82V2088 Datasheet
922Kb / 79P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
November 2012
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com