Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME60 Datasheet(PDF) 2 Page - SL Power Electronics

Part # ME60
Description  60W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME60 Datasheet(HTML) 2 Page - SL Power Electronics

  ME60_16 Datasheet HTML 1Page - SL Power Electronics ME60_16 Datasheet HTML 2Page - SL Power Electronics ME60_16 Datasheet HTML 3Page - SL Power Electronics ME60_16 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ME60
60W Single Output External Power
Medical Series
www.slpower.com
ME60 Rev 2.7
2-AUG-16
2
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
Turn On Time
Less than 1 sec @115Vac, full load
Input Current
100Vac: 1.5A, 240Vac: 0.7A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 40A
Overtemperature
Protection
Will shutdown upon an overtemperature
condition, auto-recovery.
Input Fuses
F1, F2: 2A, 250Vac fuses (line & neutral lines)
provided on all models
Overload Protection
130 to 180% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
>88%, typical
Overvoltage
Protection
130 to 150% of output voltage (max. 60V on
48V model), hiccup mode
Output Power
60W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
2 MOPP
Input-Ground:
1 MOPP
Output-Ground: 1 MOPP
No Load Input
Power
<0.210W (meets DoE Efficiency Level VI
Requirements)
Safety Standards
EN/IEC/UL60601-1, 3rd edition and
EN/IEC/UL60601-1-11:2010 for Home
Healthcare
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +70°C.
Output Voltage
See models chart on pg 1.
Temperature
Derating
See derating curve.
Transient
Response
500
µs response time for return to within 0.5%
of final value for any 50% load step over the
range of 5% to 100% of rated load,
∆i/∆t<
0.2A/
µs. Max. voltage deviation is +/-3.5%.
Storage Temperature
-40°C to +85°C
Regulation
See models chart on pg 1.
Altitude
Operating: to 5000m.
Non-operating: -500 to 40,000 ft.
Drop Test
1.4m from table top to wooden platform, 4
faces.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis, 1-500Hz.
Non-Oper.: random waveform, 3 minutes per
axis, 3 axes and Sine waveform, Vib.
frequency/acceleration: 10-500Hz/1g, sweep
rate of 1 octave / minutes, Vibration time of 10
sweeps / axes, 3 axes
Shock
Operating: Half-sine, 20gpk, 10mS, 3 axes,
6 shocks total
Non-Operating: Half-sine waveform, impact
acceleration of 100G, Pulse duration of 6
mS, Number of shocks: 3 for each of the
three axis
Dimensions
W: 2.67” x L: 4.25” x H: 1.29”
W: 67.9mm x L: 108mm x H: 32.7mm
MTBF
>250,000 hours, full load, 110 & 220Vac
input, 25
°C amb., per Telcordia 332 Issue 6.
Weight
400g
E-Cap Life
>7 year life based on calculations at
115Vac/60Hz & 230Vac/50Hz, ambient 25°C
at 24 hrs per day, 365 days/year, 6 power up
cycles per day. (80% load on 5V, 12V model)
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - ME60_16

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME60A1203F01 SLPOWER-ME60A1203F01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1203N01 SLPOWER-ME60A1203N01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1203Q01 SLPOWER-ME60A1203Q01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1503F01 SLPOWER-ME60A1503F01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1503N01 SLPOWER-ME60A1503N01 Datasheet
707Kb / 4P
   60W Single Output External Power
More results

Similar Description - ME60_16

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
   60W Single Output External Power
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
Mean Well Enterprises C...
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60_12 Datasheet
216Kb / 3P
   60W Single Output Switching Power Supply
HLG-60H_1108 MEANWELL-HLG-60H_1108 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com