Electronic Components Datasheet Search |
|
CGO632M028L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
CGO632M028L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 3 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type CGO Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors Type CGO low voltage, low ESR, screw terminal aluminum electrolytic capacitors have extremely low ESR and are suitable for output filtering in switch mode power supply applications. Highlights Extremely low ESR Low voltage Screw Terminal 35 mm diameter • • • • Specifications Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature: Ripple Current Multipliers: 2,800 to 45,000 µF 5 to 55 WVdc ±20% –40 to +85 ºC The maximum ripple current at 85 ºC and 20 kHz for CGO capacitors is shown in the standard Rat- ings Tables. Maximum ripple current may be adjust- ed by the multipliers in the tables below. +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC 2.15 1.93 1.73 1.50 1.30 1.00 Rated Frequency / Ripple Multiplier Voltage 120 Hz 400 Hz 1000 Hz 2500 Hz 10 kHz 5 to 55 .84 .85 .86 .87 .95 DC Leakage Current: QA Stability Test: I 1.5 √CV after 5 minutes C = Capacitance in µF V = Rated Voltage I = Leakage current in µA Apply WVdc for 1000 h @ 85 ºC Capacitance change ≤15% from initial limits DC leakage current meets initial limits ESR ≤175% of initial measured value Ambient Temperature / Ripple Multiplier Click here to see: Hardware & Mounting Options Click here to see: Mechanical Details ≤ |
Similar Part No. - CGO632M028L |
|
Similar Description - CGO632M028L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |