Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AA30S-D-T Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part No. AA30S-D-T
Description  30W Single, Dual, and Triple Output AC-DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

AA30S-D-T Datasheet(HTML) 5 Page - Delta Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS_AA30S_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P5
Physical Outline
Case Size
:
112.0x63.8x25.6mm (4.41x2.51x1.01 inches)
Case Material
:
Plastic resin + Fiberglass (flammability to UL 94V-0 rated)
Weight
:
191g
Mechancial Drawing Chassis Mounting with DIN Rail Kit (Option code, suffix D)
Mechanical Dimensions
Physical Outline
Case Size
:
112.0x63.8x25.6mm (4.41x2.51x1.01 inches)
Case Material
:
Plastic resin + Fiberglass (flammability to UL 94V-0 rated)
Weight
:
245g
DIN-Rail Mounting Kit
92.0 [3.62]
100.0 [3.94]
112.0 [4.41]
Top view
10.0 [0.39]
4 x 3.5
POWER
"GOOD"INDICATOR
DC-
ON
1
2
3
4
5
6
7
Indication LED


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn