Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AA30S-D-T Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. AA30S-D-T
Description  30W Single, Dual, and Triple Output AC-DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

AA30S-D-T Datasheet(HTML) 3 Page - Delta Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS_AA30S_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
Environmental Specifications
Parameter
Conditions
Temperature Range (operational)
Ambient
-25
+70
Storage Temperature Range
-40
+85
Over Temperature Protection
at 90
℃ (automatic recovery at 67℃)
Cooling
Free-Air convection
Humidity (non condensing)
---
95 % rel. H
Power Derating Curve
Notes
1
All specifications typical at Ta=+25
℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless
otherwise noted.
2
Ripple & Noise measurement bandwidth is 0~20 MHz
3
These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not
damage the power supplies however they may not meet all listed specifications.
4
Other input and output voltage may be available, please contact us for custom solution
5
Peak current can't be drawn from all output at the same time.
6
Floating (or isolated) output of a power supply that is not connected to any other output.
7
Specifications are subject to change anytime without notice


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn