Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9172S-31CG Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9172S-31CG
Description  3A FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172S-31CG Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9172S-31CG Datasheet HTML 1Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 2Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 3Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 4Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 5Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 6Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 7Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 8Page - Richtek Technology Corporation RT9172S-31CG Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary
RT9172
DS9172-03 April 2002
www.richtek-ic.com.tw
1
3A Fixed Output Voltage LDO Regulator
General Description
The RT9172 series of low-dropout linear regulators
operate from a +2.25V to +6.0V input supply. A wide
range of preset output voltage options is available.
These low dropout linear regulators respond very
fast to step changes in load, which are suitable for
low voltage microprocessor applications. The
RT9172 uses an internal PMOS as the pass device,
which does not cause extra GND current in heavy
load and dropout condition. The shutdown mode of
low operation current makes the IC suitable for
power-saving systems. The other features include
current limiting and over temperature protection.
Ordering Information
RT9172 -
Features
Low Dropout Voltage
Low Ground Pin Current
Load Regulation of 0.4% at 3A
0.5
µµµµA Quiescent Current in Shutdown Mode
Guaranteed Output Current of 3A DC
Available in TO-263 and TO-220 Packages
Output Voltage Accuracy
±±±±1.5%
Error Flag Indicates Output Status
Sense Option Improves Better Load Regulation
Extremely Low Output Capacitor Requirements
Over-temperature/Over-current Protection
Applications
Microprocessor Power Supplies
GTL, GTL+, BTL, and SSTL Bus Terminators
Power Supplies for DSPs
SCSI Terminator
Post Regulators
High Efficiency Linear Regulators
Battery Chargers
Other Battery Powered Applications
Pin Configurations
Part Number
Pin Configurations
RT9172-
CT
(Plastic TO-220)
TOP VIEW
1. VIN
2. GND (TAB)
3. VOUT
RT9172-
CM
(Plastic TO-263)
TOP VIEW
1. VIN
2. GND (TAB)
3. VOUT
RT9172-
CG
(Plastic SOT-223)
TOP VIEW
1. VIN
2. GND (TAB)
3. VOUT
To be continued
Operating temperature range
C: Commercial standard
Package type
T5 : TO-220-5
M5 : TO-263-5
T : TO-220
M : TO-263
G : SOT-223
Output voltage
15 : 1.5V
16 : 1.6V
:
32 : 3.2V
33 : 3.3V
S: Pin out exchange
N : Pin 5 bond sense
F : Pin 5 bond flg
12 3
123
123


Similar Part No. - RT9172S-31CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172S-32GG RICHTEK-RT9172S-32GG Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172S-32GG RICHTEK-RT9172S-32GG Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172S-32GM RICHTEK-RT9172S-32GM Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172S-32GM RICHTEK-RT9172S-32GM Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172S-32GM5 RICHTEK-RT9172S-32GM5 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172S-31CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com