Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 22 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 22 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
Table 3. Measurement accuracy of the U2356A at 0 to 18 °C and 28 to 45 °C
Thermocouple measurement accuracy (U2356A @ 0 to 18 °C and 28 to 45 °C)
T/C type
ITS-90 Temperature range (°C)
Optimum measurement range
(°C)
Without
averaging
(± °C)
50 points
averaging
(± °C)
500 points
averaging
(± °C)
Low
High
Low
High
B
0
1820
1100
1820
6.1
3.1
2.4
400
1100
14.4
6.3
2.7
E
–270
1000
–150
1000
3.0
2.6
2.6
–200
–150
4.2
3.7
3.6
J
–210
1200
–150
1200
2.9
2.5
2.5
–210
–150
4.9
4.1
4.0
K
–270
1372
–100
1200
3.3
2.9
2.9
–200
–100
5.3
4.2
4.0
N
–270
1300
–100
1300
3.4
2.7
2.6
–200
–100
6.8
4.6
4.1
R
–50
1768
300
1760
6.2
3.7
3.2
–50
300
15.7
7.2
3.8
S
–50
1768
400
1760
6.4
4.0
3.4
–50
400
14.2
6.6
3.4
T
–270
400
–100
400
3.0
2.4
2.2
–200
–100
5.3
4.2
3.9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn