Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 18 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 18 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
Product characteristics and general specifications
Power consumption
+12 VDC, 480 mA maximum
Operating environment
– Operating temperature from 0 °C to +55 °C
– Relative humidity at 50% to 85% RH (non-condensing)
– Altitude up to 2000 meters
Storage compliance
–40 °C to 70 °C
Safety compliance
Certified with:
– IEC 61010-1:2001/EN 61010-1:2001 (2nd Edition)
EMC compliance
– IEC 61326-1:2002/EN 61326-1:1997+A2:2001+A3:2003
– CISPR 11: 1990/EN 55011:1990-Group 1 Class A
– Canada: ICES-001:2004
– Australia/New Zealand: AS/NZS CISPR 11:2004
Shock and vibration
Tested to IEC/EN 60068-2
IO connector
– 2 × 68-pin female SCSI connector
– 2 × 34 pin screw terminal block
– 1 × 24 pin screw terminal block
Dimension (W × D × H)
158.70 mm × 254.20 mm × 40.50 mm
Weight
1.036 kg
Warranty
Three years for U2802A
Three months for standard shipped accessories
Product outlook and
dimensions
Front view
Rear view
Top and side view
Standard shipped
accessories
– Power supply splitter
– Two 68-pin SCSI cables (1 m)
– One J-type thermocouple
– Keysight U2802A 31-Channel
Thermocouple Input Device Quick
Start Guide
– Keysight USB Modular Products
Reference CD-ROM
– Keysight Automation-Ready CD-ROM
(contains the Keysight IO Libraries
Suite)
– Certificate of Calibration
40.05 mm
158.70 mm
254.20
mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn