Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 16 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 16 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
Optional Accessories
Features to meet your demands
– 31 input channels that can be independently configured to either differential thermo-
couple input mode, single-ended voltage input mode, or differential voltage input mode
using two input channels set to voltage input mode
– Supports the standard thermocouple types (J, K, R, S, T, N, E, and B) defined in the
NIST ITS-90 Thermocouple Database
– Error detection for open thermocouple channels
– Built-in isothermal construction on terminal block for improved measurement accuracy
– Built-in thermistor for cold junction compensation
– Built-in zeroing function to compensate for overall system offset errors due to tem-
perature drift and long term drift
– Up to ±10 V input voltage range for higher voltage inputs
– Sampling rate of 500 kSa/s for overall module
– Sampling rate of 10 kSa/s total for all channels in thermocouple mode
– Quick and easy USB setup
– Robust, cost-effective, and user friendly
Applications
The U2802A thermocouple input device is designed for robust and demanding industrial
applications. This product is suitable and ideal for thermocouple measurement applications
such as;
– Product thermal analysis and characterization
– Environmental chamber profiling
– Process monitoring in consumer electronics markets
– Material properties testing in education environments
– Study of electronic temperature properties
– Appliances testing
The Keysight U2802A is a 31-channel
thermocouple signal conditioning
module with a built-in thermistor
for cold junction compensation.
The U2802A is designed to convert
low input voltage signals (less than
±100 mV) from a thermocouple into
an output voltage range suitable for
data acquisition devices (±10 V).
The U2802A device is to be used in
conjunction with the Keysight U2355A
or U2356A model DAQ device to
enable temperature measurements
using thermocouples. It works as
a standalone device attached to a
single DAQ device via two SCSI-II
68 conductor cables. Designed with
the compatibility to complement
eight standard thermocouple types, it
caters to a wide range of applications
in various industrial settings.
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn