Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 15 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 15 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
Other products in the Keysight USB Modular Data Acquisition (DAQ) Family
U2500A Series USB Modular Simultaneous Sampling
Multifunction DAQ
Features:
– High analog input sampling rate coverage of up to 2 MSa/s for a each channel
– High speed USB 2.0
– Simultaneous acquisition of multiple data points
– Multifunction capabilities — analog input (AI), analog
output (AO), digital input output (DIO), and counter
For more information: www.keysight.com/find/U2500A
U2600A Series USB Modular Isolated Digital I/O
Features:
– 64 opto-isolated lines that can meet demand up to 24 V
– High speed USB 2.0
– Isolation voltage of 1250 Vrms for protection from transient voltage spikes
For more information: www.keysight.com/find/U2600A
U2781A USB Modular Product Chassis
Features:
– Expansion of channels for each modular product
– Multiple instrument synchronization
– Internal and external 10 MHz reference clock
– High-speed USB 2.0
– SSI/Star trigger bus synchronization between
external trigger source and modules
For more information: www.keysight.com/find/U2781A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn