Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 14 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 14 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
The Keysight Measurement Manager
(AMM) is an application data viewer
software that comes with the
standard purchase of the U2300A
Series USB modular data acquisition.
This software is designed to help you
perform quick device configuration,
data logging and data acquisition
using the products.
Supported features found in the
U2300A Series USB modular multi-
function data acquisition devices:
– Averaging
– Command logger
– Self-calibration
– Option to save the current
instrument configuration to a file
– Data logging and export feature
to CSV, HTML and text only format
files that can be printed
– Data viewer to load and review
previously logged data
– Trigger settings between modules
in the instrument chassis with Star
trigger and Master/Slave trigger
– Synchronization display and data
logging for modules in the
instrument chassis
Keysight Measurement Manager
Keysight Measurement Manager prerequisites
Prior to installing the Keysight Measurement Manager software, ensure that
your PC meets the following minimum system requirements for installation and
operations.
Requirement
Windows XP
operating
systems
Windows Vista
operating
systems
Windows 7
operating
systems
Operating
system
Windows XP Service
Pack 3 (or later)1
Windows Vista
(32-bit) Service Pack
1 and 22
Windows 7 (32-bit
and 64-bit)3, 4
Processor speed 600 MHz or higher
required, 800 MHz
recommended
1 GHz 32-bit (x86)
3 GHz 32-bit (x86)
Memory
256 MB minimum
(1 GB or greater
recommended)
1 GB minimum
2 GB minimum
Hard-disk space 1.5 GB minimum
1.5 GB minimum
1.5 GB minimum
Video
Super VGA (800 ×
600) 256 colors or
more
Support for DirectX 9
graphics with 128 MB
graphics memory
recommended5
Support for DirectX 9
graphics with 128 MB
graphics memory
recommended5
CD-ROM drive or
DVD-ROM drive6
Required
Required
Required
Browser
Microsoft Internet Ex-
plorer 5.01 or greater
Microsoft Internet
Explorer 7 or greater
Microsoft Internet
Explorer 7 or greater
1
Supported Windows XP editions — Home or Professional
2
Supported Windows Vista (32-bit) editions — Home Basic, Home Premium, Business, or Ultimate
3
Supported Windows 7 (32-bit and 64-bit) editions — Home Basic, Home Premium, Professional, Enterprise,
or Ultimate
4
Keysight Measurement Manger for Windows 7 64-bit support is a 32-bit application running on a WOW64
(Windows-on-Windows 64-bit) emulator.
5
Super VGA graphics is supported for Windows Vista and Windows 7.
6
The type of media provided with the product determines whether a CD-ROM drive or DVD-ROM drive is required.
Software requirements
Keysight IO Libraries Suite 15.1 and above1
Keysight T&M Toolkit Runtime version 2.12
Keysight T&M Toolkit Redistributable Package 2.1 patch2
Microsoft .NET Framework version 2.02
1
Available on the Keysight Automation-Ready CD-ROM.
2
Bundled with Keysight Measurement Manager software application installer.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn