Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 13 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 13 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Accuracy specifications (continued)
Model
U2331A
Bipolar Range (V)
Offset Error (mV)1
Gain Error (mV)
Accuracy (% of reading + offset error)2
10
2.0
6.0
0.06% + 2.0 mV
5
1.5
4.0
0.08% + 1.5 mV
2.5
1.5
2.0
0.08% + 1.5 mV
1.25
1.0
1.5
0.12% + 1.0 mV
1
1.0
1.0
0.10% + 1.0 mV
0.5
1.0
1.0
0.20% + 1.0 mV
0.25
1.0
1.0
0.40% + 1.0 mV
0.2
1.0
1.0
0.50% + 1.0 mV
0.05
1.0
1.0
2.02% + 1.0 mV
– The above specifications are typical for 23 °C.
– Specifications are for 20 minutes warm-up and self calibration.
– The measurement are calculated with 100 points averaging of data.
Model
U2351A, U2352A, U2353A, U2354A
Analog output
Unipolar Range (V)
Offset Error (mV)3
Gain Error (mV)
Accuracy (% of reading + offset error)4
10
1.0
2.0
0.02% + 1.0 mV
Bipolar Range (V)
Offset Error (mV)3
Gain Error (mV)
Accuracy (% of reading + offset error)4
10
1.0
4.0
0.04% + 1.0 mV
Model
U2355A, U2356A
Unipolar Range (V)
Offset Error (mV)3
Gain Error (mV)
Accuracy (% of reading + offset error)4
10
1.0
2.0
0.02% + 1.0 mV
Bipolar Range (V)
Offset Error (mV)3
Gain Error (mV)
Accuracy (% of reading + offset error)4
10
1.0
4.0
0.04% + 1.0 mV
Model
U2331A
Unipolar Range (V)
Offset Error (mV)3
Gain Error (mV)
Accuracy (% of reading + offset error)4
10
2.5
4.0
0.04% + 2.5 mV
Bipolar Range (V)
Offset Error (mV)3
Gain Error (mV)
Accuracy (% of reading + offset error)4
10
1.5
4.0
0.04% + 1.5 mV
– The above specifications are typical for 23 °C.
– Specifications are for 20 minutes warm-up and self calibration.
1
Offset error is measured at midscale of full range.
2
Accuracy = ± [% of |(Gain error / (Measured value – Midscale of FSR))| + Offset error]
3
Offset error is measured at 0 V.
4
Accuracy = ± [% of |Gain error/Output value| + Offset voltage]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn