Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 11 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 11 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
High density multifunction USB DAQ (continued)
Model number
U2355A, U2356A
U2331A
Analog output measurement1
Function
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
Offset error
±1 mV
±4 mV
±1.5 mV
±3 mV
Gain error
±4 mV
±5 mV
±4 mV
±5 mV
Slew rate
19 V/μs
19 V/μs
Rise time
0.9 μs
0.9 μs
Fall time
0.9 μs
0.9 μs
Settling time to 1% output error
4 μs
4 μs
Driving capability
5 mA
5 mA
Glitch energy
5 ns-V (Typical), 80 ns-V (Maximum)
5 ns-V (Typical), 80 ns-V (Maximum)
1
Specifications are for 20 minutes of warm-up time, calibration temperature at 23 °C and input range of ±10 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn