Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 10 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 10 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
High density multifunction USB DAQ
Model number
U2355A
U2356A
U2331A
Analog input measurement1
Function
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
Offset error
±1 mV
±2 mV
±1 mV
±2 mV
±2 mV
±3 mV
Gain error
±2 mV
±3 mV
±2 mV
±6 mV
±6 mV
±7.5 mV
–3 dB small signal bandwidth2
760 kHz
1.3 MHz
1.2 MHz
1% THD large signal bandwidth2
400 kHz
400 kHz
N/A
System noise
1 mVrms
2 mVrms
1 mVrms
4 mVrms
3 mVrms
5 mVrms
CMRR
64 dB
61 dB
62 dB
Spurious-Free Dynamic Range (SFDR)3
88 dB
86 dB
71 dB
Signal-to-Noise and Distortion Ratio
(SINAD)3
80 dB
78 dB
72 dB
Total Harmonic Distortion (THD)3
–90 dB
–84 dB
–76 dB
Signal-to-Noise Ratio (SNR)3
80 dB
78 dB
72 dB
Effective Number of Bits (ENOB)3
13
12.6
11.6
Bandwidth test
Model number
Test conditions (DUT setting at ±10 V bipolar)
–3 dB Small signal bandwidth
1% THD Large signal bandwidth
U2355A
Sampling rate:
Input voltage:
– –3 dB Small signal bandwidth
– 1% THD Large signal bandwidth
250 kSa/s
10% FSR
FSR –1 dB FS
U2356A
Sampling rate:
Input voltage:
– –3 dB Small signal bandwidth
– 1% THD Large signal bandwidth
500 kSa/s
10% FSR
FSR –1 dB FS
U2331A
Sampling rate:
Input voltage:
– –3 dB Small signal bandwidth
– 1% THD Large signal bandwidth
3 MSa/s
10% FSR
FSR –1 dB FS
3
Specifications are based on the following test conditions.
Dynamic range test
Model number
Test conditions (DUT setting at ±10 V bipolar)
–3 dB Small signal bandwidth
1% THD Large signal bandwidth
U2355A
– Sampling rate:
– Fundamental frequency:
– Number of points:
– Fundamental input voltage:
250 kSa/s
2.4109 kHz
8192
FSR –1 dB FS
U2356A
– Sampling rate:
– Fundamental frequency:
– Number of points:
– Fundamental input voltage:
500 kSa/s
4.974 kHz
16384
FSR –1 dB FS
U2331A
– Sampling rate:
– Fundamental frequency:
– Number of points:
– Fundamental input voltage:
3 MSa/s
29.892 kHz
65536
FSR –1 dB FS
1
Specifications are for 20 minutes of warm-up time, calibration temperature at 23 °C and input range of ±10 V.
2
Specifications are based on the following test conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn