Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 8 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 8 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
High density multifunction USB DAQ (continued))
General purpose digital counter
Maximum count
(2³¹ – 1) bits
Number of channels
Two independent up/down counter
Compatibility
TTL
Clock source
Internal or external
Base clock available
48 MHz
Maximum clock source frequency
12 MHz
Input frequency range4
0.1 Hz to 6 MHz at 50% duty cycle
Pulse width measurement range
0.167 μs to 178.956 s
Analog trigger
Trigger source
All analog input channels, External analog trigger (EXTA_TRIG)
Trigger level
±Full scale for internal; ±10 V for external
Trigger conditions
Above high, below low, and window (software selectable)
Trigger level resolution
8 bits
Bandwidth
400 kHz
Input impedance for EXTA_TRIG
20 kΩ
Coupling
DC
Overvoltage protection
Continuous for ±35 V
maximum
Digital trigger
Compatibility
TTL/CMOS
Response
Rising or falling edge
Pulse width
20 ns minimum
Calibration5
On board reference
5 V
Temperature drift
±2 ppm/°C
Stability
±6 ppm/1000 hrs
General
Remote interface
Hi-Speed USB 2.0
Device class
USBTMC-USB488
Programmable interface
Standard Commands for Programmable Instruments (SCPI) and IVI-COM
1
When multiple channels are used in the U2355A or U2356A, the sampling rate of each channel is the maximum sampling rate divided by the number of channels used.
For multiple channels used in the U2331A, the sampling rate of each channel = (1 MSa/s) / number of channels used.
2
System Synchronous Interface (SSI) and Star trigger commands are used when modular devices are used in the product chassis.
3
Maximum external reference voltage for analog output channels (AO_EXT_REF) is ±10 V.
4
Measurement frequency’s resolution:
= 12 MHz/n, n = 2, 3, 4, 5, ..., 120 M
= 6 MHz, 4 MHz, 3 MHz, 2.4 MHz, 2.0 MHz, ..., 0.1 Hz (up to six decimal points)
5
20 minutes warm-up time is recommended.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn