Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 5 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 5 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Electrical specifications
Basic multifunction USB DAQ
Model number
U2351A
U2352A
U2353A
U2354A
Analog input
Resolution
16 bits, no missing codes
Number of channels
16 SE/8 DI (software selectable/channel)
Maximum sampling rate1
250 kSa/s
500 kSa/s
Scan list memory
Up to 100 selectable channel entries
Programmable bipolar input range
±10 V, ±5 V, ±2.5 V, ±1.25 V
Programmable unipolar input range
0 to 10 V, 0 to 5 V, 0 to 2.5 V, 0 to 1.25 V
Input coupling
DC
Input impedance
1 GΩ / 100 pF
Operational common mode voltage range
±7.5 V
maximum
Overvoltage protection
Power-on: Continuous ±30 V, Power-off: Continuous ±15 V
Trigger sources
External analog/digital trigger, SSI/Star trigger2
Trigger modes
Pre- trigger, delay-trigger, post-trigger, and middle-trigger
FIFO buffer size
Up to 8 MSa
Analog output
Resolution
16 bits
-
16 bits
-
Number of channels
2
-
2
-
Maximum update rate
1 MSa/s
-
1 MSa/s
-
Output ranges
0 to 10 V, ±10 V,
0 to AO_EXT_REF,
±AO_EXT_REF3
-
0 to 10 V, ±10 V,
0 to AO_EXT_REF,
±AO_EXT_REF3
-
Output coupling
DC
-
DC
-
Output impedance
0.1 Ω typical
-
0.1 Ω typical
-
Stability
Any passive load
up to 1500 pF
-
Any passive load
up to 1500 pF
-
Power-on state
0 V steady state
-
0 V steady state
-
Trigger sources
External
analog/digital
trigger,
SSI/Star trigger2
-
External
analog/digital
trigger,
SSI/Star trigger2
-
Trigger modes
Post-trigger and
delay-trigger
-
Post-trigger and
delay-trigger
-
FIFO buffer size
One channel:
Maximum 8 MSa
Two channels:
Maximum 4 MSa/ch
-
One channel:
Maximum 8 MSa
Two channels:
Maximum 4 MSa/ch
-
Function generation mode
Sine, square,
triangle, sawtooth,
and noise
waveforms
-
Sine, square,
triangle, sawtooth,
and noise
waveforms
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn