Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2352A Datasheet(PDF) 4 Page - Keysight Technologies

Part No. U2352A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

U2352A Datasheet(HTML) 4 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Product characteristics and general specifications
Remote interface
– Hi-Speed USB 2.0
– USBTMC-USB4881
Power requirement
– +12 VDC (TYPICAL)
– 2 A (MAX) input rated current
Power consumption
+12 VDC, 550 mA maximum
Operating environment
– Operating temperature from 0 °C to +55 °C
– Relative humidity at 15% to 85% RH (non-condensing)
– Altitude up to 2000 meters
– Pollution Degree 2
– For indoor use only
Storage compliance
–20 °C to 70 °C
Safety compliance
Certified with:
– IEC 61010-1:2001/EN 61010-1:2001 (2nd Edition)
– USA: UL61010-1: 2004
– Canada: CSA C22.2 No.61010-1:2004
EMC
compliance
– IEC/EN 61326-1 1998
– CISPR 11: 1990/EN55011:1991, Class A, Group 1
– Canada: ICES-001: 1998
– Australia/New Zealand: AS/NZS 2064.1
Shock and vibration
Tested to IEC/EN 60068-2
IO connector
68-pin female VHDCI Type
Dimension (W × D × H)
Module dimension:
– 120.00 mm × 182.40 mm × 44.00 mm (with plastic casing)
– 105.00 mm × 174.54 mm × 25.00 mm (without plastic casing)
Terminal block dimension:
– 103.00 mm × 85.20 mm × 42.96 mm
Weight
– 565 g (with plastic casing)
– 400 g (without plastic casing)
Warranty
Three years for U2300A series DAQ devices
Three months for standard shipped accessories
Product outlook and
dimensions
Front view
Rear view
Top view
Standard shipped
accessories
– AC/DC Power adapter
– Power cord
– USB extension cable
– L-Mount kit (used with modular
product chassis)
– Keysight USB Modular Products Quick
Start Guide
– Keysight USB Modular Products
Reference CD-ROM
– Keysight Automation-Ready CD-ROM
(contains the Keysight IO Libraries
Suite)
– Certificate of Calibration
Optional accessories
– U2901A Terminal block and SCSI-II 68-
pin connector with 1-meter cable
– U2902A Terminal block and SCSI-II 68-
pin connector with 2-meter cable
120.00 mm
182.40 mm
44.00 mm
1
Compatible with Microsoft Windows operating systems only. Requires a direct USB connection
to the PC so the appropriate driver can be installed in the USB DAQ module.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn