Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2351A Datasheet(PDF) 22 Page - Keysight Technologies

Part # U2351A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2351A Datasheet(HTML) 22 Page - Keysight Technologies

Back Button U2351A Datasheet HTML 17Page - Keysight Technologies U2351A Datasheet HTML 18Page - Keysight Technologies U2351A Datasheet HTML 19Page - Keysight Technologies U2351A Datasheet HTML 20Page - Keysight Technologies U2351A Datasheet HTML 21Page - Keysight Technologies U2351A Datasheet HTML 22Page - Keysight Technologies U2351A Datasheet HTML 23Page - Keysight Technologies U2351A Datasheet HTML 24Page - Keysight Technologies U2351A Datasheet HTML 25Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
Table 3. Measurement accuracy of the U2356A at 0 to 18 °C and 28 to 45 °C
Thermocouple measurement accuracy (U2356A @ 0 to 18 °C and 28 to 45 °C)
T/C type
ITS-90 Temperature range (°C)
Optimum measurement range
(°C)
Without
averaging
(± °C)
50 points
averaging
(± °C)
500 points
averaging
(± °C)
Low
High
Low
High
B
0
1820
1100
1820
6.1
3.1
2.4
400
1100
14.4
6.3
2.7
E
–270
1000
–150
1000
3.0
2.6
2.6
–200
–150
4.2
3.7
3.6
J
–210
1200
–150
1200
2.9
2.5
2.5
–210
–150
4.9
4.1
4.0
K
–270
1372
–100
1200
3.3
2.9
2.9
–200
–100
5.3
4.2
4.0
N
–270
1300
–100
1300
3.4
2.7
2.6
–200
–100
6.8
4.6
4.1
R
–50
1768
300
1760
6.2
3.7
3.2
–50
300
15.7
7.2
3.8
S
–50
1768
400
1760
6.4
4.0
3.4
–50
400
14.2
6.6
3.4
T
–270
400
–100
400
3.0
2.4
2.2
–200
–100
5.3
4.2
3.9


Similar Part No. - U2351A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
U235 INTERSIL-U235 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
TEMIC Semiconductors
U2350B TEMIC-U2350B Datasheet
118Kb / 9P
   PWM Speed Control for Permanent Excited DC Motors
U2350B-FP TEMIC-U2350B-FP Datasheet
118Kb / 9P
   PWM Speed Control for Permanent Excited DC Motors
U2352 TEMIC-U2352 Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Keysight Technologies
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
More results

Similar Description - U2351A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2355A KEYSIGHT-U2355A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2354A KEYSIGHT-U2354A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2353A KEYSIGHT-U2353A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2542A KEYSIGHT-U2542A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
U2531A KEYSIGHT-U2531A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com