Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2351A Datasheet(PDF) 17 Page - Keysight Technologies

Part # U2351A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2351A Datasheet(HTML) 17 Page - Keysight Technologies

Back Button U2351A Datasheet HTML 13Page - Keysight Technologies U2351A Datasheet HTML 14Page - Keysight Technologies U2351A Datasheet HTML 15Page - Keysight Technologies U2351A Datasheet HTML 16Page - Keysight Technologies U2351A Datasheet HTML 17Page - Keysight Technologies U2351A Datasheet HTML 18Page - Keysight Technologies U2351A Datasheet HTML 19Page - Keysight Technologies U2351A Datasheet HTML 20Page - Keysight Technologies U2351A Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
Thermocouple input mode
In thermocouple input mode, the
U2802A can acquire up to ±100 mV
input signals. Each channel includes
an instrumentation amplifier and a
4 Hz low-pass filter. The low-pass
filter removes unwanted noise from
the thermocouple wires to obtain
accurate measurement data.
Voltage input mode
Alternatively, you can select separate
voltage input modes for each channel.
The channel will be set to bypass
the amplifier and filter, allowing up
to ±10V input signals to be directly
routed to the DAQ device analog
input. The bandwidth in this mode is
more than 500 kHz.
Zero mode
In zero mode, the positive and nega-
tive inputs of the instrumentation
amplifier are shorted together. The
voltage measured in this mode
corresponds to the offset voltage
of the channel. You can subtract
this offset voltage from subsequent
thermocouple mode measurements to
increase measurement accuracy. This
mode is only applicable in thermo-
couple mode.
Thermocouple compatibility
The U2802A is compatible with a
wide range of standard thermo-
couple types defined in the NIST
ITS-90 Thermocouple Database.
This includes types J, K, R, S, T, N,
E, and B.
Open thermocouple
detection
The U2802A includes open ther-
mocouple detection circuitry to
indicate the presence of an open
thermocouple.
Calibration EEPROM
The U2802A gain and offset calibra-
tion factors for each channel are
stored in the EEPROM during fac-
tory calibration and can be retrieved
prior to taking measurements. This
on-board EEPROM also stores the
module ID, serial number, and date of
calibration for your reference. A sec-
tion of the EEPROM is also allocated
for you to save your calibration data.
Restoring factory calibration
Using the AMM software, you can
easily restore the U2802A calibration
data from your settings to the original
factory settings.
17


Similar Part No. - U2351A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
U235 INTERSIL-U235 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
TEMIC Semiconductors
U2350B TEMIC-U2350B Datasheet
118Kb / 9P
   PWM Speed Control for Permanent Excited DC Motors
U2350B-FP TEMIC-U2350B-FP Datasheet
118Kb / 9P
   PWM Speed Control for Permanent Excited DC Motors
U2352 TEMIC-U2352 Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Keysight Technologies
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
More results

Similar Description - U2351A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2355A KEYSIGHT-U2355A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2354A KEYSIGHT-U2354A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2353A KEYSIGHT-U2353A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2542A KEYSIGHT-U2542A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
U2531A KEYSIGHT-U2531A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com