Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EL32DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EL32DG
Description  Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL32DG Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EL32DG Datasheet HTML 1Page - ON Semiconductor MC100EL32DG Datasheet HTML 2Page - ON Semiconductor MC100EL32DG Datasheet HTML 3Page - ON Semiconductor MC100EL32DG Datasheet HTML 4Page - ON Semiconductor MC100EL32DG Datasheet HTML 5Page - ON Semiconductor MC100EL32DG Datasheet HTML 6Page - ON Semiconductor MC100EL32DG Datasheet HTML 7Page - ON Semiconductor MC100EL32DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EL32, MC100EL32
www.onsemi.com
5
Table 7. AC CHARACTERISTICS (VCC = 5.0 V; VEE = 0 V or VCC = 0 V; VEE = −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
2.2
3.0
2.6
3.0
2.6
3.0
GHz
tPLH
tPHL
Propagation Delay
CLK to Q
Reset to Q
360
390
500
540
640
690
420
440
510
540
600
640
450
450
540
550
630
650
ps
VPP
Input Swing (Note 2)
150
1000
150
1000
150
1000
mV
tJITTER
Cycle-to-Cycle Jitter
TBD
TBD
TBD
ps
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
100
225
350
100
225
350
100
225
350
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary +0.25 V / −0.5 V.
100 Series: VEE can vary +0.8 V / −0.5 V.
2. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.
Figure 2. Timing Diagram
CLK
RESET
Q
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100EL32DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL32DG ONSEMI-MC100EL32DG Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100EL32DG ONSEMI-MC100EL32DG Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
More results

Similar Description - MC100EL32DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_16 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EL33 ONSEMI-MC10EL33_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 11
MC10EP32 ONSEMI-MC10EP32_16 Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
logo
Texas Instruments
4214BP TI1-4214BP Datasheet
430Kb / 6P
[Old version datasheet]   MULTIPLER - DIVIDER
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
   Counter/Divider
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
   Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
   Power Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com