Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL15 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EL15
Description  5V ECL 1:4 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL15 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EL15_16 Datasheet HTML 1Page - ON Semiconductor MC10EL15_16 Datasheet HTML 2Page - ON Semiconductor MC10EL15_16 Datasheet HTML 3Page - ON Semiconductor MC10EL15_16 Datasheet HTML 4Page - ON Semiconductor MC10EL15_16 Datasheet HTML 5Page - ON Semiconductor MC10EL15_16 Datasheet HTML 6Page - ON Semiconductor MC10EL15_16 Datasheet HTML 7Page - ON Semiconductor MC10EL15_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL15, MC100EL15
www.onsemi.com
2
Figure 1. Logic Diagram and Pinout Assignment
Q0
Q1
Q2
Q3
15
16
14
13
12
11
10
2
1
34567
VCC
9
8
Q3
Q2
Q1
Q0
EN
SCLK
CLK
CLK
VBB
SEL
VEE
D
Q
1
PIN
FUNCTION
CLK, CLK
ECL Diff Clock Inputs
SCLK
ECL Scan Clock Input
EN
ECL Sync Enable
SEL
ECL Clock Select Input
Q0−3, Q0−3
ECL Diff Clock Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
Table 1. PIN DESCRIPTION
CLK*
L
H
X
X
X
SCLK*
X
X
L
H
X
SEL*
L
L
H
H
X
EN*
L
L
L
L
H
Q
L
H
L
H
L(1)
Table 2. FUNCTION TABLE
*Pins will default low when left open.
1. On next negative transition of CLK or SCLK
0
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 KW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1 kV
> 100 V
2kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
103
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC10EL15_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL15D ONSEMI-MC10EL15D Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15DG ONSEMI-MC10EL15DG Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15DR2 ONSEMI-MC10EL15DR2 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15DR2G ONSEMI-MC10EL15DR2G Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com