Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-850-352A-NR2 Datasheet(PDF) 5 Page - Copal Electronics

Part # PA-850-352A-NR2
Description  PRESSURE TRANSDUCERS WITH AMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-850-352A-NR2 Datasheet(HTML) 5 Page - Copal Electronics

  PA-850-352A-NR2 Datasheet HTML 1Page - Copal Electronics PA-850-352A-NR2 Datasheet HTML 2Page - Copal Electronics PA-850-352A-NR2 Datasheet HTML 3Page - Copal Electronics PA-850-352A-NR2 Datasheet HTML 4Page - Copal Electronics PA-850-352A-NR2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED Indicator
Shield
S.Output
Main circuit
A.Output
Power
B
Pressure
Sensor
Common
Shield
S.Output
LED Indicator
Main circuit
Pressure
Common
A.Output
Power
B
Sensor
OFF
Hysteresis
Set value
Hysteresis
Set value
−100 kPa
Rated pressure
Atmospheric
pressure
Barometic
pressure
ON
OFF
Hysteresis
Set value
Hysteresis
Set value
−100 kPa
108 kPa
Rated pressure
Absolute
vacuun
ON
OFF
ON
OFF
ON
PA-850
PRESSURE TRANSDUCERS WITH AMP.
INTERNAL ELECTRICAL SCHEMATICS
O NPN output
O PA-850-102V
O PA-850- *** G
O PA-850- *** R
O PA-850- *** A
O PNP output
SWITCH OUTPUT SCHEMATICS
Turns on at the set pressure and turns off at the set pressure minus the hysteresis.
※Adjustable hysteresis


Similar Part No. - PA-850-352A-NR2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-850 COPAL-PA-850 Datasheet
1Mb / 4P
   Pressure transducer with amp
More results

Similar Description - PA-850-352A-NR2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com