Electronic Components Datasheet Search |
|
MC100E158FNG Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC100E158FNG Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC10E158, MC100E158 www.onsemi.com 3 Table 3. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit VCC PECL Mode Power Supply VEE = 0 V 8 V VI PECL Mode Input Voltage NECL Mode Input Voltage VEE = 0 V VCC = 0 V VI ≤ VCC VI ≥ VEE 6 −6 V Iout Output Current Continuous Surge 50 100 mA TA Operating Temperature Range 0 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction-to-Ambient) 0 lfpm 500 lfpm PLCC−28 63.5 43.5 °C/W qJC Thermal Resistance (Junction-to-Case) Standard Board PLCC−28 22 to 26 °C/W Tsol Wave Solder (Pb-Free) 265 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. Table 4. 10E SERIES PECL DC CHARACTERISTICS (VCC = 5.0 V, VEE = 0.0 V (Note 1)) Symbol Characteristic 0°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 33 40 33 40 33 40 mA VOH Output HIGH Voltage (Note 2) 3980 4070 4160 4020 4105 4190 4090 4185 4280 mV VOL Output LOW Voltage (Note 2) 3050 3210 3370 3050 3210 3370 3050 3227 3405 mV VIH Input HIGH Voltage 3830 3995 4160 3870 4030 4190 3940 4110 4280 mV VIL Input LOW Voltage 3050 3285 3520 3050 3285 3520 3050 3302 3555 mV IIH Input HIGH Current D SEL 200 150 200 150 200 150 mA IIL Input LOW Current 0.5 0.3 0.5 0.25 0.3 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. |
Similar Part No. - MC100E158FNG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |