Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E151FNR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10E151FNR2G
Description  5V ECL 6?륛it D Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E151FNR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC10E151FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC10E151, MC100E151
www.onsemi.com
5
Table 8. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
900
1100
900
1100
900
1100
MHz
TPLH
tPHL
Propagation Delay to Output
CLK, MR
575
650
900
575
650
900
575
650
900
ps
ts
Setup Time
D
0
−175
0
−175
0
−175
ps
th
Hold Time
D
350
175
350
175
350
175
ps
tRR
Reset Recovery Time
750
550
750
550
750
550
tPW
Minimum Pulse Width
CLK, MR
400
400
400
ps
tSKEW
Within-Device Skew (Note 2)
65
65
65
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr, tf
Rise/Fall Times
(20 - 80%)
300
450
700
300
450
700
300
450
700
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Within-device skew is defined as identical transitions on similar paths through a device.
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC10E151FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E151FNR2G ONSEMI-MC10E151FNR2G Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com