Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD5-1205RD20A1 Datasheet(PDF) 5 Page - RSG Electronic Components GmbH

Part # RD5-1205RD20A1
Description  DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD5-1205RD20A1 Datasheet(HTML) 5 Page - RSG Electronic Components GmbH

  RD5-1205RD20A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RD5-1205RD20A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RD5-1205RD20A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RD5-1205RD20A1 Datasheet HTML 4Page - RSG Electronic Components GmbH RD5-1205RD20A1 Datasheet HTML 5Page - RSG Electronic Components GmbH RD5-1205RD20A1 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page5(6)
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in s h o r t f o r m c o v e r o r e - ma i l to : info@rsg-electronic.de
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 20MHz.
+Vout
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
DC/DC
Converter
Scope
Load
-Vin
-Vout
-Vout
EMI Filter
Input filter components (C1, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
+Vout
+Vin
L
C1
DC/DC
Converter
Load
-Vin
-Vout
VB-1W&2W-Series
C1
L
100uF/100V
12uH
MCU
CONVERTER
11. MCU (Master Control Unit)
The MCU Pin Voltage is referenced to -Vin(Pin 1)
ON:0 ~ 0.8VDC Max.
(Short circuit Pin 1 and Pin 3) or open circuit
OFF:4.5 to 15VDC Max.(or 3.5mA to 15mA Max.)(via R1D1)
OFF idle current:5mA typ.
Connection example
1K
1N4148
R1
D1
PIN 3
12. Input filter components are be required to help meet conducted
emission class A, which application refer to the EMI Filter of design & test configuration.
13. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
RS5/RD5 -2W
100uF/100V
12uH
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in s h o r t f o r m c o v e r o r e - ma i l to : info@rsg-electronic.de
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 20MHz.
+Vout
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
DC/DC
Converter
Scope
Load
-Vin
-Vout
-Vout
EMI Filter
Input filter components (C1, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
+Vout
+Vin
L
C1
DC/DC
Converter
Load
-Vin
-Vout
VB-1W&2W-Series
C1
L
100uF/100V
12uH
MCU
CONVERTER
11. MCU (Master Control Unit)
The MCU Pin Voltage is referenced to -Vin(Pin 1)
ON:0 ~ 0.8VDC Max.
(Short circuit Pin 1 and Pin 3) or open circuit
OFF:4.5 to 15VDC Max.(or 3.5mA to 15mA Max.)(via R1D1)
OFF idle current:5mA typ.
Connection example
1K
1N4148
R1
D1
PIN 3
12. Input filter components are be required to help meet conducted
emission class A, which application refer to the EMI Filter of design & test configuration.
13. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
RS5/RD5 -2W
100uF/100V
12uH
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in s h o r t f o r m c o v e r o r e - ma i l to : info@rsg-electronic.de
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 20MHz.
+Vout
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
DC/DC
Converter
Scope
Load
-Vin
-Vout
-Vout
EMI Filter
Input filter components (C1, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
+Vout
+Vin
L
C1
DC/DC
Converter
Load
-Vin
-Vout
VB-1W&2W-Series
C1
L
100uF/100V
12uH
MCU
CONVERTER
11. MCU (Master Control Unit)
The MCU Pin Voltage is referenced to -Vin(Pin 1)
ON:0 ~ 0.8VDC Max.
(Short circuit Pin 1 and Pin 3) or open circuit
OFF:4.5 to 15VDC Max.(or 3.5mA to 15mA Max.)(via R1D1)
OFF idle current:5mA typ.
Connection example
1K
1N4148
R1
D1
PIN 3
12. Input filter components are be required to help meet conducted
emission class A, which application refer to the EMI Filter of design & test configuration.
13. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
RS5/RD5 -2W
100uF/100V
12uH
DC/DC-Converter
2.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in s h o r t f o r m c o v e r o r e - ma i l to : info@rsg-electronic.de
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 20MHz.
+Vout
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
DC/DC
Converter
Scope
Load
-Vin
-Vout
-Vout
EMI Filter
Input filter components (C1, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
+Vout
+Vin
L
C1
DC/DC
Converter
Load
-Vin
-Vout
VB-1W&2W-Series
C1
L
100uF/100V
12uH
MCU
CONVERTER
11. MCU (Master Control Unit)
The MCU Pin Voltage is referenced to -Vin(Pin 1)
ON:0 ~ 0.8VDC Max.
(Short circuit Pin 1 and Pin 3) or open circuit
OFF:4.5 to 15VDC Max.(or 3.5mA to 15mA Max.)(via R1D1)
OFF idle current:5mA typ.
Connection example
1K
1N4148
R1
D1
PIN 3
12. Input filter components are be required to help meet conducted
emission class A, which application refer to the EMI Filter of design & test configuration.
13. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
RS5/RD5 -2W
100uF/100V
12uH


Similar Part No. - RD5-1205RD20A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD5-1205RD10A1 RSG-RD5-1205RD10A1 Datasheet
1Mb / 6P
   DC/DC-Converter
RD5-1205RD10A3 RSG-RD5-1205RD10A3 Datasheet
1Mb / 6P
   DC/DC-Converter
RD5-1205RD30A1 RSG-RD5-1205RD30A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RD5-1205RD20A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com