Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E137 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E137
Description  5V ECL 8?륛it Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E137 Datasheet(HTML) 6 Page - ON Semiconductor

  MC10E137 Datasheet HTML 1Page - ON Semiconductor MC10E137 Datasheet HTML 2Page - ON Semiconductor MC10E137 Datasheet HTML 3Page - ON Semiconductor MC10E137 Datasheet HTML 4Page - ON Semiconductor MC10E137 Datasheet HTML 5Page - ON Semiconductor MC10E137 Datasheet HTML 6Page - ON Semiconductor MC10E137 Datasheet HTML 7Page - ON Semiconductor MC10E137 Datasheet HTML 8Page - ON Semiconductor MC10E137 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10E137, MC100E137
www.onsemi.com
6
Table 8. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fCOUNT
Maximum Count Frequency
1800
2200
1800
2200
1800
2200
MHz
tPLH
tPHL
Propagation Delay to Output
CLK to Q0
CLK to Q1
CLK to Q2
CLK to Q3
CLK to Q4
CLK to Q5
CLK to Q6
CLK to Q7
A_Start to Q0
MR to Q0
1300
1600
1950
2275
2625
2950
3250
3575
950
700
1700
2025
2425
2750
3125
3450
3775
4075
1325
1000
2150
2500
2925
3350
3750
4150
4450
4800
1700
1300
1300
1600
1950
2275
2625
2950
3250
3575
950
700
1700
2050
2450
2775
3150
3475
3800
4125
1325
1000
2150
2500
2925
3350
3750
4150
4450
4800
1700
1300
1350
1650
2025
2350
2700
3050
3375
3700
950
700
1750
2100
2500
2850
3225
3550
3925
4250
1325
1000
2200
2550
3000
3425
3825
4250
4600
4950
1700
1300
ps
ts
Setup Time (EN1, EN2)
0
−150
0
−150
0
−150
ps
th
Hold Time (EN1, EN2)
300
150
300
150
300
150
ps
tRR
Reset Recovery Time
MR, A_Start
400
200
400
200
400
200
ps
tPW
Minimum Pulse Width
CLK, MR, A_Start
400
400
400
ps
VPP
Input Voltage Swing
CLK/CLK (Differential Configuration)
(Note 2)
0.25
1.0
0.25
1.0
0.25
1.0
V
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Times (20%−80%)
Q0,Q1
Q2 to Q7
150
275
400
600
150
275
400
600
150
275
400
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Minimum input swing for which AC parameters are guaranteed. Full DC ECL output swings will be generated with only 50 mV input swings.


Similar Part No. - MC10E137

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
MC10E137 ONSEMI-MC10E137 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FN ONSEMI-MC10E137FN Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FN ONSEMI-MC10E137FN Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNG ONSEMI-MC10E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results

Similar Description - MC10E137

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_08 Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E167 ONSEMI-MC10E167_16 Datasheet
156Kb / 8P
   5V ECL 6?륛it 2:1 MUX?륱egiste
July, 2016 ??Rev. 9
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Micrel Semiconductor
SY10E137 MICREL-SY10E137 Datasheet
76Kb / 4P
   8-BIT RIPPLE COUNTER
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com