Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E131FNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10E131FNG
Description  5V ECL 4?륛it D Flip?륡lop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E131FNG Datasheet(HTML) 5 Page - ON Semiconductor

  MC10E131FNG Datasheet HTML 1Page - ON Semiconductor MC10E131FNG Datasheet HTML 2Page - ON Semiconductor MC10E131FNG Datasheet HTML 3Page - ON Semiconductor MC10E131FNG Datasheet HTML 4Page - ON Semiconductor MC10E131FNG Datasheet HTML 5Page - ON Semiconductor MC10E131FNG Datasheet HTML 6Page - ON Semiconductor MC10E131FNG Datasheet HTML 7Page - ON Semiconductor MC10E131FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E131, MC100E131
www.onsemi.com
5
Table 6. 100E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
58
70
58
70
58
70
67
81
mA
VOH
Output HIGH Voltage
(Note 2)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage
(Note 2)
−1810
−1705
−1620
−1810
−1745
−1620
−1810
−1740
−1620
mV
VIH
Input HIGH Voltage
−1025
−1165
−1025
−880
−1165
−1025
−880
−1165
−1025
−880
mV
VIL
Input LOW Voltage
−1645
−1810
−1645
−1475
−1810
−1645
−1475
−1810
−1645
−1475
mV
IIH
Input HIGH Current
CC
S
R, CE
D
350
450
300
150
350
450
300
150
350
450
300
150
350
450
300
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 7. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
1100
1400
1100
1400
1100
1400
MHz
tPLH
tPHL
Propagation Delay to Output
CE
CC
R
S
310
275
400
300
600
600
635
550
750
725
875
775
360
325
450
350
500
500
640
550
700
675
825
725
360
325
450
350
500
500
640
550
700
675
825
725
ps
tS
Setup Time (Note 2)
D
200
20
150
20
150
20
ps
tH
Hold Time (Note 2)
D
225
−20
175
−20
175
−20
ps
tRR
Reset Recovery Time
450
150
400
150
400
150
ps
tPW
Minimum Pulse Width
CLK
R, S
400
400
400
400
400
400
ps
tSKEW
Within-Device Skew (Note 3)
60
60
60
ps
tJITTER
Random Clock Jitter
< 1
< 1
< 1
ps
tr/tf
Rise/Fall Time (20−80%)
275
460
725
300
480
300
480
675
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Setup/hold times guaranteed for both CC and CE.
3. Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - MC10E131FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E131FNG ONSEMI-MC10E131FNG Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com