Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E116FNG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E116FNG
Description  5V ECL Quint Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E116FNG Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E116FNG Datasheet HTML 1Page - ON Semiconductor MC10E116FNG Datasheet HTML 2Page - ON Semiconductor MC10E116FNG Datasheet HTML 3Page - ON Semiconductor MC10E116FNG Datasheet HTML 4Page - ON Semiconductor MC10E116FNG Datasheet HTML 5Page - ON Semiconductor MC10E116FNG Datasheet HTML 6Page - ON Semiconductor MC10E116FNG Datasheet HTML 7Page - ON Semiconductor MC10E116FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10E116, MC100E116
www.onsemi.com
2
VCCO
D1
D3
Q1
VCCO
Q0
Q0
D3
D2
D2
VEE
VBB
D0
D0
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
567
89
10
D4 D4 VCCO Q4
Q4 VCCO
Q3
Q3
VCC
Q2
Q2
VCCO
Q1
D1
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 1. Pinout Assignment
Figure 2. Logic Diagram
D0
D0
D1
D1
D2
D2
D3
D3
D4
D4
VBB
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0, D0 − D4, D4
ECL Differential Input Pairs
Q0, Q0 − Q4, Q4
ECL Differential Output Pairs
VBB
Reference Voltage Output.
VCC, VCCO
Positive Supply
VEE
Negative Supply
Table 2. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source
±0.5
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
PLCC−28
PLCC−28
63.5
43.5
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
PLCC−28
22 to 26
°C/W
Tsol
Wave Solder (Pb-Free)
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - MC10E116FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E116FNG ONSEMI-MC10E116FNG Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E116FNG ONSEMI-MC10E116FNG Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
More results

Similar Description - MC10E116FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416_06 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E116 ONSEMI-MC10E116_06 Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E136 ONSEMI-MC10E136_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com