Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E101FNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100E101FNR2G
Description  5V ECL Quad 4?륤nput OR/NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E101FNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E101FNR2G Datasheet HTML 1Page - ON Semiconductor MC100E101FNR2G Datasheet HTML 2Page - ON Semiconductor MC100E101FNR2G Datasheet HTML 3Page - ON Semiconductor MC100E101FNR2G Datasheet HTML 4Page - ON Semiconductor MC100E101FNR2G Datasheet HTML 5Page - ON Semiconductor MC100E101FNR2G Datasheet HTML 6Page - ON Semiconductor MC100E101FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC10E101/D
MC10E101, MC100E101
5V ECL Quad 4‐Input
OR/NOR Gate
Description
The MC10E/100E101 is a quad 4-input OR/NOR gate. The 100
Series contains temperature compensation.
Features
500 ps Max. Propagation Delay
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
Human Body Model; > 2 kV
Machine Model; > 200 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb-Free)
Flammability Rating:
UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
Transistor Count = 115 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
www.onsemi.com
MCxxxE101FNG
AWLYYWW
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E101FNR2G
PLCC−28
(Pb-Free)
500/Tape & Reel
MC100E101FNR2G
PLCC−28
(Pb-Free)
500/Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MC100E101FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E101FNR2G ONSEMI-MC100E101FNR2G Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com