Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34924A Datasheet(PDF) 14 Page - Keysight Technologies

Part # 34924A
Description  Multifunction Switch/Measure Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34924A Datasheet(HTML) 14 Page - Keysight Technologies

Back Button 34924A Datasheet HTML 10Page - Keysight Technologies 34924A Datasheet HTML 11Page - Keysight Technologies 34924A Datasheet HTML 12Page - Keysight Technologies 34924A Datasheet HTML 13Page - Keysight Technologies 34924A Datasheet HTML 14Page - Keysight Technologies 34924A Datasheet HTML 15Page - Keysight Technologies 34924A Datasheet HTML 16Page - Keysight Technologies 34924A Datasheet HTML 17Page - Keysight Technologies 34924A Datasheet HTML 18Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14 | Keysight | 34980A Multifunction Switch/Measure Unit - Data Sheet
Table 4. Matrix selection table—speciications and characteristics
34931A
34932A
34933A
34934A
Channels/conigurations
dual 4x8
8x8
4x16
dual 4x16
8x16
4x32
dual 4x8
8x8
4x16
quad 4x8, 1-wire
quad 4x32
4x128
8x64
16x32
Switch type
Armature
latching
Armature
latching
Reed
non-latching
Reed
non-latching
Input characteristics (per channel)
Max volts
± 300 V [1]
± 300 V [1]
± 150 V peak [2]
± 100 V peak
Max current (DC, AC RMS)
Switch current
Carry current
1 A
2 A
1 A
2 A
0.5 A [5]/0.05 A [8]
1.5 A [5]/0.05 A [8]
0.5 A
0.5 A
Power (W, VA) [2, 6]
60 W
60 W
10 W [7]
10 W
Volt-Hertz limit
108
108
108
108
Initial closed channel res [3][9]
< 1.5 Ω
< 1.5 Ω
< 1.5
Ω [5]/200 Ω [8]
nominal
< 1Ω/100 Ω
General Speciications
Offset voltage [3]
< 3 uV
< 3 uV
< 50 uV
< 100 uV 1-wire
< 20 uV
< 50 uV 1-wire
DC Isolation (ch-ch, ch-earth)
> 10G Ω
> 10G Ω
> 10G Ω
10G Ω
AC characteristics
Bandwidth at terminal block [4]
30 MHz
30 MHz
30 MHz [5]/4 MHz [8]
2 MHz 1-wire
35 MHz 2-wire
15 MHz 1-wire
Crosstalk at terminal block (ch-ch) [4]
300 kHz
1 MHz
20 MHz
–65 dB
–55 dB
–30 dB
–65 dB
–55 dB
–30 dB
–65 dB
–55 dB
–40 dB
–65 dB
–55 dB
–33 dB
Capacitance at terminal block
HI-LO
LO – earth
50 pF
80 pF
50 pF
80 pF
80 pF
75 pF
45 pF
250 pF
General characteristics
Relay life, typical
No load
10 V, 100 mA
Rated load
100 M
10 M
100 k
100 M
10 M
100 k
1000 M
10 M
10 k
1000 M operations
Open/close time
4 ms/4 ms
4 ms/4 ms
0.5 ms/0.5 ms
0.35 ms/0.10 ms
Analog bus backplane connection
Bank 2
Bank 2
Bank 2
No
[1]
DC or AC RMS voltage, channel-to-channel or channel-to-earth
[2]
Peak voltage, channel-to-channel or channel-to-earth
[3] Into analog bus. System errors are included in the internal DMM measurement accuracy specifications
[4] 50 Ω source, 50 Ω load, differential measurements verified (Sdd21)
[5] With input resistors bypassed. Bypassing resistors will reduce lifetime of relays. See the rated load relay life characteristics.
[6]
Limited to 6 W channel resistance power loss per module
[7] Power restrictions allow only 20 channels to be closed at one time
[8]
Protection Resistors:
34933A - 100Ω ±5%; 0.5W; TC = ±200ppm/°C.
34934A - 100Ω ±1%; 0.25W; TC = ±100ppm/°C.
If this resistance is not bypassed in the low side source line of a 4-wire resistance measurement, the 100 Ω range is limited.
[9] Channel resistance is typically < 1.5 Ω but can go as high as 50 Ω when a channel is used in measurement applications with < 10 mA
load current. Increased relay channel resistance for measurements with load currents below 10 mA can occur on cards that have been
out of service or following relay inactivity for periods of greater than 1 week. Switching relays for 2K cycles prior to use may reduce
the variation in channel resistance. Applies to the 34931A and 34932A. Keysight recommends the use of 4-wire Ohms for resistance
measurements. For high accuracy voltage measurements, select the DMM input resistance setting of > 10 G ohms to minimize the
impact of relay contact resistance.


Similar Part No. - 34924A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34924A HP-34924A Datasheet
1Mb / 32P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34924A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34931T KEYSIGHT-34931T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34946A KEYSIGHT-34946A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34947A KEYSIGHT-34947A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34939A KEYSIGHT-34939A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34951A KEYSIGHT-34951A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34942A KEYSIGHT-34942A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
logo
Agilent(Hewlett-Packard...
34980A HP-34980A Datasheet
1Mb / 31P
   Multifunction Switch/Measure Unit
logo
Keysight Technologies
34924T KEYSIGHT-34924T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com