Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-858-302G-G2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-858-302G-G2
Description  PRESSURE TRANSDUCERS WITH AMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-858-302G-G2 Datasheet(HTML) 3 Page - Copal Electronics

  PA-858-302G-G2 Datasheet HTML 1Page - Copal Electronics PA-858-302G-G2 Datasheet HTML 2Page - Copal Electronics PA-858-302G-G2 Datasheet HTML 3Page - Copal Electronics PA-858-302G-G2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Item
Model
number
PA-858
102G
352G
103G
102V
302R
102A
Gravitational effect
(From horizontal position to vertical position)
Thermal error
Output current
Zero current
Span current
Load resistance
Linearity/Hysteresis
Response
4
± 0.2
8
± 0.2
4
± 0.2
16
± 0.2
0 ~ 500
Ω
± 0.5
± 0.06
± 0.06
4 ~ 20 mA
Approx. 2
± 0.3
± 0.1
± 0.05
± 0.3
± 0.1
± 0.3
ZERO %F.S./°C
%F.S.
SPAN %F.S./°C
ms
%F.S.
mA
mA
(at 25 °C)
mA
(at 25 °C)
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2
3 directions for 3 times each
106 cycles
0 Rated pressure/Rated pressure range
40 °C, 90 ~ 95 %RH, 240 hrs.
Zero current, Span current:
± 1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
RECOMMENDED EXTERNAL SCHEMATICS
V
RL : 250
Pressure
24V DC
Sensor
Power
B
Main circuit
Output
Shield
PA-858
PRESSURE TRANSDUCERS WITH AMP.
INTERNAL ELECTRICAL SCHEMATICS
Pressure
Sensor
Power
B
Output
Main circuit
Shield


Similar Part No. - PA-858-302G-G2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
More results

Similar Description - PA-858-302G-G2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com