Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1110E-200 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1110E-200
Description  10-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110E-200 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1110E-200 Datasheet HTML 1Page - Dallas Semiconductor DS1110E-200 Datasheet HTML 2Page - Dallas Semiconductor DS1110E-200 Datasheet HTML 3Page - Dallas Semiconductor DS1110E-200 Datasheet HTML 4Page - Dallas Semiconductor DS1110E-200 Datasheet HTML 5Page - Dallas Semiconductor DS1110E-200 Datasheet HTML 6Page - Dallas Semiconductor DS1110E-200 Datasheet HTML 7Page - Dallas Semiconductor DS1110E-200 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10-Tap Silicon Delay Line
_____________________________________________________________________
7
between the input and each tap. Each tap is selected
and connected to the counter by a VHF switch-control
unit. All measurements are fully automated, with each
instrument controlled by a central computer over an
IEEE-488 bus.
Output
Each output is loaded with the equivalent of one 74FO4
input gate. Delay is measured at the 1.5V level on the
rising and falling edge.
INPUT
CONDITION
Ambient Temperature
+25°C ±3°C
Supply Voltage (VCC)
5.0V ±0.1V
High = 3.0V ±0.1V
Input Pulse
Low = 0.0V ±0.1V
Source Impedance
50
Ω max
Rise and Fall Time
3ns max
Pulse Width
500ns (1µs for -500ns)
Period
1µs (2µs for -500ns)
Table 2. Test Conditions
Note: The above conditions are for test only and do not restrict
the operation of the device under other data sheet conditions.
Chip Information
TRANSISTOR COUNT: 6813
Selector Guide
PART
TEMP RANGE
PIN-
PACKAGE
TOTAL
DELAY
(ns)*
DS1110E-50
-40
°C to +85°C
14 TSSOP
50
DS1110E-60
-40
°C to +85°C
14 TSSOP
60
DS1110E-75
-40
°C to +85°C
14 TSSOP
75
DS1110E-80
-40
°C to +85°C
14 TSSOP
80
DS1110E-100
-40
°C to +85°C
14 TSSOP
100
DS1110E-125
-40
°C to +85°C
14 TSSOP
125
DS1110E-150
-40
°C to +85°C
14 TSSOP
150
DS1110E-175
-40
°C to +85°C
14 TSSOP
175
DS1110E-200
-40
°C to +85°C
14 TSSOP
200
DS1110E-250
-40
°C to +85°C
14 TSSOP
250
DS1110E-300
-40
°C to +85°C
14 TSSOP
300
DS1110E-350
-40
°C to +85°C
14 TSSOP
350
DS1110E-400
-40
°C to +85°C
14 TSSOP
400
DS1110E-450
-40
°C to +85°C
14 TSSOP
450
DS1110E-500
-40
°C to +85°C
14 TSSOP
500
PART
TEMP RANGE
PIN-
PACKAGE
TOTAL
DELAY
(ns)*
DS1110S-50
-40
°C to +85°C
16 SO
50
DS1110S-60
-40
°C to +85°C
16 SO
60
DS1110S-75
-40
°C to +85°C
16 SO
75
DS1110S-80
-40
°C to +85°C
16 SO
80
DS1110S-100
-40
°C to +85°C
16 SO
100
DS1110S-125
-40
°C to +85°C
16 SO
125
DS1110S-150
-40
°C to +85°C
16 SO
150
DS1110S-175
-40
°C to +85°C
16 SO
175
DS1110S-200
-40
°C to +85°C
16 SO
200
DS1110S-250
-40
°C to +85°C
16 SO
250
DS1110S-300
-40
°C to +85°C
16 SO
300
DS1110S-350
-40
°C to +85°C
16 SO
350
DS1110S-400
-40
°C to +85°C
16 SO
400
DS1110S-450
-40
°C to +85°C
16 SO
450
DS1110S-500
-40
°C to +85°C
16 SO
500
*Custom delays are available.


Similar Part No. - DS1110E-200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1110E-XXX MAXIM-DS1110E-XXX Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
More results

Similar Description - DS1110E-200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com