Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD4-2407R10A1M Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RD4-2407R10A1M
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD4-2407R10A1M Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RD4-2407R10A1M Datasheet HTML 1Page - RSG Electronic Components GmbH RD4-2407R10A1M Datasheet HTML 2Page - RSG Electronic Components GmbH RD4-2407R10A1M Datasheet HTML 3Page - RSG Electronic Components GmbH RD4-2407R10A1M Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
DC/DC-Converter
1.0W regulated
Single Output
we energize electronics!
an acal group company
we energize electronics!
RS4 -
XX
XX
X
XX
Power (W)
Input
Type
A
X M
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
Voltage Range
(Vdc)
No-Load
(mA)
Full Load
(mA)
Voltage
(Vdc)
Full load
(mA)
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
RS4-0503R10AXM
5
30
363
3.3
333
55
220
RS4-0505 R10AXM
5
30
312
5
200
64
220
RS4-0507 R10AXM
5
30
312
7.2
138.9
64
220
RS4-0509 R10AXM
5
35
307
9
111.1
65
220
RS4-0512 R10AXM
5
35
303
12
83.3
66
220
RS4-0515 R10AXM
5
35
303
15
66.7
66
220
RS4-1203 R10AXM
12
20
148
3.3
333
56
220
RS4-1205 R10AXM
12
20
130
5
200
64
220
RS4-1207 R10AXM
12
20
128
7.2
138.9
65
220
RS4-1209 R10AXM
12
20
126
9
111.1
66
220
RS4-1212 R10AXM
12
20
126
12
83.3
66
220
RS4-1215 R10AXM
12
20
122
15
66.7
68
220
RS4-2403 R10AXM
24
10
74
3.3
333
56
220
RS4-2405 R10AXM
24
10
66
5
200
63
220
RS4-2407 R10AXM
24
10
64
7.2
138.9
65
220
RS4-2409 R10AXM
24
10
63
9
111.1
66
220
RS4-2412 R10AXM
24
10
62
12
83.3
67
220
RS4-2415 R10AXM
24
10
62
15
66.7
67
220
RD4-0503 R10AXM
5
30
363
3.3
333
55
220
RD4-0505 R10AXM
5
30
312
5
200
64
220
RD4-0507 R10AXM
5
30
312
7.2
138.9
64
220
RD4-0509 R10AXM
5
35
307
9
111.1
65
220
RD4-0512 R10AXM
5
35
303
12
83.3
66
220
RD4-0515 R10AXM
5
35
303
15
66.7
66
220
RD4-1203 R10AXM
12
20
148
3.3
333
56
220
RD4-1205 R10AXM
12
20
130
5
200
64
220
RD4-1207 R10AXM
12
20
128
7.2
138.9
65
220
RD4-1209 R10AXM
12
20
126
9
111.1
66
220
RD4-1212 R10AXM
12
20
126
12
83.3
66
220
RD4-1215 R10AXM
12
20
122
15
66.7
68
220
RD4-2403 R10AXM
24
10
74
3.3
333
56
220
RD4-2405 R10AXM
24
10
66
5
200
63
220
RD4-2407 R10AXM
24
10
64
7.2
138.9
65
220
RD4-2409 R10AXM
24
10
63
9
111.1
66
220
RD4-2412 R10AXM
24
10
62
12
83.3
67
220
RD4-2415 R10AXM
24
10
62
15
66.7
67
220
Suffix “3” means 3 KVdc isolation
M-Type with Continue short Current Protection


Similar Part No. - RD4-2407R10A1M

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD4-2407R10A1 RSG-RD4-2407R10A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RD4-2407R10A1M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com