Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7-2405D20A5 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS7-2405D20A5
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS7-2405D20A5 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS7-2405D20A5 Datasheet HTML 1Page - RSG Electronic Components GmbH RS7-2405D20A5 Datasheet HTML 2Page - RSG Electronic Components GmbH RS7-2405D20A5 Datasheet HTML 3Page - RSG Electronic Components GmbH RS7-2405D20A5 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
2.0W Unregulated Single
& Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page3(4)
VL2 2W Unregulated Single & Dual output
3
Derating Curve
100%
75%
50%
25%
-40
-20
0
20
40
60 65 80 95 100
120
AMBIENT TEMPERATURE(°
C)
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
NOTE
1. One load is 25% to 100% load, the other load is 100% load, the output
voltage variable rate is within ±5%.
2. Ripple/Noise measured with a 10µF electrolytic capacitor and 0.1µF
ceramic capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Measured Input reflected ripple current with a simulated source inductance
of 12µH And a source capacitor Cin(47µF, ESR<1.0© at 100kHz).
5. "Nature Convection" is usually about 30-65 LFM but is not equal to
still air (0 LFM).
6. Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
7. The VL2 series standard module meets EMI ClassB with external
components. For more detail information, please contact with Motien.
8. Input components (C1,D1) are used to help meet surge test requirement for
the module. C1 and D1 recommended nichicon UHE series
and Littelfuse SMDJ series.
9. Operation under no-load conditions will not damage these devices,
however they may not meet all listed specifications.
S.O.A.
TEST CONFIGURATIONS
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12µH) and a source capacitor
Cin(47µF, ESR<1.0© at 100kHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Use a 10µF electrolytic capacitor and 0.1µF ceramic
capacitor.
The Scope measurement bandwidth is 0-20MHz.
Lin
Current
Probe
Cin
Load
Resistive
Load
EFT & SURGE Filter
Input components (C1,D1) are used to help meet
surge test requirement for the module.
+Vout
+Vin
EMI Filter
Input filter components (C1,C2,C3,L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
+Vout
+Vin
L
+
C1
D1
DC/DC
Converter
Load
C1
C2 C3
DC/DC
Converter
Load
-Vin
-Vout
-Vin
-Vout
D1:Transient Voltage Suppression Diodes
The information and specifications contained in this data sheet are believed to be correct at time of publication. However,
MOTIEN Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
C1
C2
C3
L
RS7-05XXXX 1206,4.7µF/16V
X
X
6.8µH
RS7-12XXXX 1206,22µF/25V
X
X
6.8µH
RS7-15XXXX 1206,22µF/25V
X
X
6.8µH
RS7-24XXXX 1210,10µF/35V 1210,10µF/35V
1210,10µF/35V 10µH
C1
D1
RS7-05XXXX 330µF/50V
SMDJ9.0A
RS7-12XXXX 330µF/50V
SMDJ13A
RS7-15XXXX 330µF/50V
SMDJ18A
RS7-24XXXX 1000µF/35V
SMDJ24A
10µF
Copper Strip
+Vout
Single
DC/DC
Converter
+
Scope
0.1µF
-Vout
VL2 2W Unregulated Single & Dual output
3
Derating Curve
100%
75%
50%
25%
-40
-20
0
20
40
60 65 80 95 100
120
AMBIENT TEMPERATURE(°
C)
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
NOTE
1. One load is 25% to 100% load, the other load is 100% load, the output
voltage variable rate is within ±5%.
2. Ripple/Noise measured with a 10µF electrolytic capacitor and 0.1µF
ceramic capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Measured Input reflected ripple current with a simulated source inductance
of 12µH And a source capacitor Cin(47µF, ESR<1.0© at 100kHz).
5. "Nature Convection" is usually about 30-65 LFM but is not equal to
still air (0 LFM).
6. Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
7. The VL2 series standard module meets EMI ClassB with external
components. For more detail information, please contact with Motien.
8. Input components (C1,D1) are used to help meet surge test requirement for
the module. C1 and D1 recommended nichicon UHE series
and Littelfuse SMDJ series.
9. Operation under no-load conditions will not damage these devices,
however they may not meet all listed specifications.
S.O.A.
TEST CONFIGURATIONS
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12µH) and a source capacitor
Cin(47µF, ESR<1.0© at 100kHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Use a 10µF electrolytic capacitor and 0.1µF ceramic
capacitor.
The Scope measurement bandwidth is 0-20MHz.
Lin
Current
Probe
Cin
Load
Resistive
Load
EFT & SURGE Filter
Input components (C1,D1) are used to help meet
surge test requirement for the module.
+Vout
+Vin
EMI Filter
Input filter components (C1,C2,C3,L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
+Vout
+Vin
L
+
C1
D1
DC/DC
Converter
Load
C1
C2 C3
DC/DC
Converter
Load
-Vin
-Vout
-Vin
-Vout
D1:Transient Voltage Suppression Diodes
The information and specifications contained in this data sheet are believed to be correct at time of publication. However,
MOTIEN Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
C1
C2
C3
L
RS7-05XXXX 1206,4.7µF/16V
X
X
6.8µH
RS7-12XXXX 1206,22µF/25V
X
X
6.8µH
RS7-15XXXX 1206,22µF/25V
X
X
6.8µH
RS7-24XXXX 1210,10µF/35V 1210,10µF/35V
1210,10µF/35V 10µH
C1
D1
RS7-05XXXX 330µF/50V
SMDJ9.0A
RS7-12XXXX 330µF/50V
SMDJ13A
RS7-15XXXX 330µF/50V
SMDJ18A
RS7-24XXXX 1000µF/35V
SMDJ24A
10µF
Copper Strip
+Vout
Single
DC/DC
Converter
+
Scope
0.1µF
-Vout
TEST CONFIGURATIONS


Similar Part No. - RS7-2405D20A5

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS7-2405D10A6 RSG-RS7-2405D10A6 Datasheet
469Kb / 3P
   DC/DC-Converter
More results

Similar Description - RS7-2405D20A5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com