Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1110E-150 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1110E-150
Description  10-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110E-150 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1110E-150 Datasheet HTML 1Page - Dallas Semiconductor DS1110E-150 Datasheet HTML 2Page - Dallas Semiconductor DS1110E-150 Datasheet HTML 3Page - Dallas Semiconductor DS1110E-150 Datasheet HTML 4Page - Dallas Semiconductor DS1110E-150 Datasheet HTML 5Page - Dallas Semiconductor DS1110E-150 Datasheet HTML 6Page - Dallas Semiconductor DS1110E-150 Datasheet HTML 7Page - Dallas Semiconductor DS1110E-150 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The DS1110 delay line is an improved replacement for
the DS1010. It has ten equally spaced taps providing
delays from 5ns to 500ns. The devices are offered in a
standard 16-pin SO or 14-pin TSSOP. The DS1110 series
delay lines provide a nominal accuracy of ±5% or ±2ns,
whichever is greater, at 5V and +25°C. The DS1110
reproduces the input logic state at the tap 10 output after
a fixed delay as specified by the dash number extension
of the part number. The DS1110 is designed to produce
both leading- and trailing-edge delays with equal preci-
sion. Each tap is capable of driving up to ten 74LS type
loads. Dallas Semiconductor can customize standard
products to meet special needs.
Features
♦ All-Silicon, 5V, 10-Tap Delay Line
♦ Improved, Drop-In Replacement for the DS1010
♦ 10 Taps Equally Spaced
♦ Delays are Stable and Precise
♦ Leading- and Trailing-Edge Accuracy
♦ Delay Tolerance ±5% or ±2ns, whichever is
Greater, at 5V and +25°C
♦ Economical
♦ Auto-Insertable, Low Profile
♦ Low-Power CMOS
♦ TTL/CMOS Compatible
♦ Vapor Phase, IR, and Wave Solderable
♦ Fast-Turn Prototypes
♦ Delays Specified Over Commercial and Industrial
Temperature Ranges
♦ Custom Delays Available
♦ Standard 16-Pin SO or 14-Pin TSSOP
10-Tap Silicon Delay Line
_____________________________________________ Maxim Integrated Products
1
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
TAP1
TAP3
TAP5
TAP4
TAP2
N.C.
IN
TAP7
TAP9
TAP10
GND
TAP8
TAP6
TSSOP
DS1110E
Pin Configurations
Ordering Information
Rev 1; 11/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DS1110E-XXX
-40
°C to +85°C
14 TSSOP
DS1110S-XXX
-40
°C to +85°C
16 SO
Applications
Communications Equipment
Medical Devices
Automated Test Equipment
PC Peripheral Devices
Selector Guide appears at end of data sheet.
Pin Configurations continued at end of data sheet.


Similar Part No. - DS1110E-150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1110E-XXX MAXIM-DS1110E-XXX Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
More results

Similar Description - DS1110E-150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com