Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV7-2412S20A1W Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RV7-2412S20A1W
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RV7-2412S20A1W Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RV7-2412S20A1W Datasheet HTML 1Page - RSG Electronic Components GmbH RV7-2412S20A1W Datasheet HTML 2Page - RSG Electronic Components GmbH RV7-2412S20A1W Datasheet HTML 3Page - RSG Electronic Components GmbH RV7-2412S20A1W Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 1 (4)
DC/DC-Converter
20W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
• 1“ x 1“ Package
• Wide 4:1 Input Range
• Soft Start
• No Minimum Load Required
• Adjustable Output Voltage
• Over Current Protection
• Over Voltage Protection
• 1600VDC Isolation
• Continuous Short Circuit Protection
• Efficiency up to 89%
• Operating Temperature Range -40° ~ +75°C
• Remote On/Off Control (CTRL)
OUTPUT SPECIFICATION
Voltage accuracy: ±1%
Output Voltage Adjustability (Trim): Singel Output: ±10% max.
Lineregulation:Single&Dual±0.5%max.
LOADREGULATION: Singel:±0.5%max.
Dual:±1%,max.(balancedload)
CrossRegulation(DualOutput): ±5%
OverVoltageProtection (Zener diode clamp):
OverCurrentProtection: 140%ofFl,typ.
ShortCircuitProtection: Indefinite(hiccup)(AutomaticRecovery)
Ripplenoise(20Mhzbandwidth): 75-100mVpk-pkmax.
Temperaturecoefficient: ±0.02%°C
Capacitor load: See table
TransientRecoveryTime: 250us,typ.
TransientResponse: (Deviation)±3%max.
INPUT SPECIFICATIONS
VoltageRange: Seetable
StartupTime: 30ms,typ.
No-Load/Full-LoadInputCurrent: Seetable
InputFilter: PIType
InputReflectedRippleCurrent: 30mApk-pk
RemoteOn/Off(positivelogic): On:3.0~12VDCoropencircuit,
OFF:0~1.2VDCorShortcircuitpin2and3
OFFidlecurrent: 5mAtyp.
GENERAL SPECIFICATIONS
Efficiency: Seetabletyp.
I/OIsolationVoltage(60sec): 1600VDC
Input/Output: 1600VDC
Case/Input&Output: 1600VDC
I/OIsolationCapacitance: 1500pFtyp.
I/OIsolationResistance: 1000MOhm
1)Thesearestressratings.Exposureofdevicestoanyoftheseconditionsmayadverselyaffectlong-termreliability.2)(1.5mmfromcase10secMax.)3)Allspecificationstypical
atTA=25°C,nominalinputvoltageandfullloadunlessotherwisespecified.4)Theinformationandspecificationcontainedinthisdatasheetarebelievedtobecorrectattimeof
publication.HoweverRSGacceptsnoresponsibilityforconsequencesarisingfromprintingerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.=
SwitchingFrequency: 330kHz,typ.
Humidity: 95%relH
ReliabilityCalculatedMTBF: >560khrs
(MIL-HDBK-217f)
SafetyStandard:(designedtomeet): IEC60950-1
ENVIRONMENTAL SPECIFICATION
OperatingTemperaturerange: -40°C~+75°C(seeDeratingCurve)
MaximumCaseTemperature: 105°C
StorageTemperature: -55°C~+125°C
Cooling: NatureConvection
PHYSICAL SPECIFICATIONS:
BaseMaterial: Non-conductiveBlackPlastic(UL94V-0rated)
CaseMaterial: Nickel-coatedCoppe
PINMaterial: 1.0mmBrassSoldercoated
PottingMaterial: Epoxy(UL94V-0rated)
WeightCase-DIP: 19.0g
DimmensionDIP: 1.00“x1.00“x0.40“
ABSOLUTE MAXIMUM RATINGS (1)
InputSurgeVoltage(100ms)/
24VModels: 50VDCmax.
48VModels: 100VDCmax.
SolderingTemperature: 260°Cmax. (2)
EMC SPECIFICATIONS
Radiated-/ConductedEmissions: EN55022ClassA(seeEMIFilternote)
ESD: IEC61000-4-2Perf.CriteriaA
RS: IEC61000-4-3Perf.CriteriaA
EFT: IEC61000-4-4Perf.CriteriaA
SURGE: IEC61000-4-5Perf.CriteriaA
CS: IEC61000-4-6Perf.CriteriaA
PFMF IEC61000-4-8Perf.CriteriaA
RoHS


Similar Part No. - RV7-2412S20A1W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RV7-2412S20A1 RSG-RV7-2412S20A1 Datasheet
928Kb / 4P
   DC/DC-Converter
More results

Similar Description - RV7-2412S20A1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com