Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV7-2412S15W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RV7-2412S15W
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RV7-2412S15W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RV7-2412S15W Datasheet HTML 1Page - RSG Electronic Components GmbH RV7-2412S15W Datasheet HTML 2Page - RSG Electronic Components GmbH RV7-2412S15W Datasheet HTML 3Page - RSG Electronic Components GmbH RV7-2412S15W Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page2(4)
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Measured with a 1.0uF ceramic capacitor and 10uF tantalum capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
5. Measured Input reflected ripple current with a simulated source inductance of 12uHand a source capacitor Cin(47uF, ESR<1.0© at 100KHz).
6. The remote on/off control pin is referenced to -Vin(pin2).
7. Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor n suggest: Nippon chemi-con KY series, 220uF/100V.
9. Nature Convection" is usually about 30-65 LFM but is not equal to still air (0 LFM).
10.Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
+Vout
+Vin
L
C1
C2
DC/DC
Converter
Load
-Vin
-Vout
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RV7-2403S15A1W
9-36
15
647
3.3
0
4000
86
1000
RV7-2405S15A1W
9-36
15
727
5
0
3000
87
1000
RV7-2412S15A1W
9-36
15
747
12
0
1300
88
330
RV7-2415S15A1W
9-36
15
710
15
0
1000
89
220
RV7-4803S15A1W
18-75
10
331
3.3
0
4000
84
1000
RV7-4805S15A1W
18-75
10
368
5
0
3000
86
1000
RV7-4812S15A1W
18-75
10
378
12
0
1300
87
330
RV7-4815S15A1W
18-75
10
360
15
0
1000
88
220
RV7-2405D15A1W
9-36
15
744
±5
0
±1500
85
±470
RV7-2412D15A1W
9-36
15
718
±12
0
±625
88
±220
RV7-2415D15A1W
9-36
15
710
±15
0
±500
89
±100
RV7-4805D15A1W
18-75
10
376
±5
0
±1500
84
±470
RV7-4812D15A1W
18-75
10
363
±12
0
±625
87
±220
RV7-4815D15A1W
18-75
10
359
±15
0
±500
88
±100
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
C1
L
C2
RV7-24XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
RV7-48XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Measured with a 1.0uF ceramic capacitor and 10uF tantalum capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
5. Measured Input reflected ripple current with a simulated source inductance of 12uHand a source capacitor Cin(47uF, ESR<1.0© at 100KHz).
6. The remote on/off control pin is referenced to -Vin(pin2).
7. Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor n suggest: Nippon chemi-con KY series, 220uF/100V.
9. Nature Convection" is usually about 30-65 LFM but is not equal to still air (0 LFM).
10.Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
+Vout
+Vin
L
C1
C2
DC/DC
Converter
Load
-Vin
-Vout
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RV7-2403S15A1W
9-36
15
647
3.3
0
4000
86
1000
RV7-2405S15A1W
9-36
15
727
5
0
3000
87
1000
RV7-2412S15A1W
9-36
15
747
12
0
1300
88
330
RV7-2415S15A1W
9-36
15
710
15
0
1000
89
220
RV7-4803S15A1W
18-75
10
331
3.3
0
4000
84
1000
RV7-4805S15A1W
18-75
10
368
5
0
3000
86
1000
RV7-4812S15A1W
18-75
10
378
12
0
1300
87
330
RV7-4815S15A1W
18-75
10
360
15
0
1000
88
220
RV7-2405D15A1W
9-36
15
744
±5
0
±1500
85
±470
RV7-2412D15A1W
9-36
15
718
±12
0
±625
88
±220
RV7-2415D15A1W
9-36
15
710
±15
0
±500
89
±100
RV7-4805D15A1W
18-75
10
376
±5
0
±1500
84
±470
RV7-4812D15A1W
18-75
10
363
±12
0
±625
87
±220
RV7-4815D15A1W
18-75
10
359
±15
0
±500
88
±100
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
C1
L
C2
RV7-24XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
RV7-48XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Measured with a 1.0uF ceramic capacitor and 10uF tantalum capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
5. Measured Input reflected ripple current with a simulated source inductance of 12uHand a source capacitor Cin(47uF, ESR<1.0© at 100KHz).
6. The remote on/off control pin is referenced to -Vin(pin2).
7. Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor n suggest: Nippon chemi-con KY series, 220uF/100V.
9. Nature Convection" is usually about 30-65 LFM but is not equal to still air (0 LFM).
10.Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
+Vout
+Vin
L
C1
C2
DC/DC
Converter
Load
-Vin
-Vout
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RV7-2403S15A1W
9-36
15
647
3.3
0
4000
86
1000
RV7-2405S15A1W
9-36
15
727
5
0
3000
87
1000
RV7-2412S15A1W
9-36
15
747
12
0
1300
88
330
RV7-2415S15A1W
9-36
15
710
15
0
1000
89
220
RV7-4803S15A1W
18-75
10
331
3.3
0
4000
84
1000
RV7-4805S15A1W
18-75
10
368
5
0
3000
86
1000
RV7-4812S15A1W
18-75
10
378
12
0
1300
87
330
RV7-4815S15A1W
18-75
10
360
15
0
1000
88
220
RV7-2405D15A1W
9-36
15
744
±5
0
±1500
85
±470
RV7-2412D15A1W
9-36
15
718
±12
0
±625
88
±220
RV7-2415D15A1W
9-36
15
710
±15
0
±500
89
±100
RV7-4805D15A1W
18-75
10
376
±5
0
±1500
84
±470
RV7-4812D15A1W
18-75
10
363
±12
0
±625
87
±220
RV7-4815D15A1W
18-75
10
359
±15
0
±500
88
±100
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
C1
L
C2
RV7-24XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
RV7-48XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
DC/DC-Converter
20W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
Themodelslistedabovearejustforstandardtype.Ifyouneedthespecialspecificationproduct,pleasecontactus:info@rsg-electronic.de
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Measured with a 1.0uF ceramic capacitor and 10uF tantalum capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
5. Measured Input reflected ripple current with a simulated source inductance of 12uHand a source capacitor Cin(47uF, ESR<1.0© at 100KHz).
6. The remote on/off control pin is referenced to -Vin(pin2).
7. Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor n suggest: Nippon chemi-con KY series, 220uF/100V.
9. Nature Convection" is usually about 30-65 LFM but is not equal to still air (0 LFM).
10.Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
+Vout
+Vin
L
C1
C2
DC/DC
Converter
Load
-Vin
-Vout
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RV7-2403S15A1W
9-36
15
647
3.3
0
4000
86
1000
RV7-2405S15A1W
9-36
15
727
5
0
3000
87
1000
RV7-2412S15A1W
9-36
15
747
12
0
1300
88
330
RV7-2415S15A1W
9-36
15
710
15
0
1000
89
220
RV7-4803S15A1W
18-75
10
331
3.3
0
4000
84
1000
RV7-4805S15A1W
18-75
10
368
5
0
3000
86
1000
RV7-4812S15A1W
18-75
10
378
12
0
1300
87
330
RV7-4815S15A1W
18-75
10
360
15
0
1000
88
220
RV7-2405D15A1W
9-36
15
744
±5
0
±1500
85
±470
RV7-2412D15A1W
9-36
15
718
±12
0
±625
88
±220
RV7-2415D15A1W
9-36
15
710
±15
0
±500
89
±100
RV7-4805D15A1W
18-75
10
376
±5
0
±1500
84
±470
RV7-4812D15A1W
18-75
10
363
±12
0
±625
87
±220
RV7-4815D15A1W
18-75
10
359
±15
0
±500
88
±100
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
C1
L
C2
RV7-24XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
RV7-48XXX15A1W
1210 2.2uF/100V
12uH
1210 2.2uF/100V
RV7 - 24 03 S A1 15W
1 = Isolation 1600Vdc


Similar Part No. - RV7-2412S15W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RV7-2412S15A1 RSG-RV7-2412S15A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RV7-2412S15W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com