Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV7-1212S20A1 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RV7-1212S20A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RV7-1212S20A1 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RV7-1212S20A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RV7-1212S20A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RV7-1212S20A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RV7-1212S20A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page3(4)
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Measured with a 1.0uF MLCC capacitor and a 10uF
tantalum capacitor .
The Scope measurement bandwidth is 0-20MHz.
Copper Strip
Lin
Current
+Vin
+Vout
+Vout
Probe
Cin
DC/DC
Converter
Load
Single
DC/DC
Converter
1uF
+
10uF
Scope
Resistive
Load
-Vin
-Vout
-Vout
Output Ripple & Noise Reduction
To reduce ripple and noise, it is recommended to use a 1uF ceramic disk capacitor and a 10uF electrolytic
capacitor to at the output.
+
10uF
+Vin
+Vout
10uF
1uF
DC Power
Source
Cin
Single
DC/DC
Converter
Cout
Load
-
-Vin
-Vout
CTRL Module ON / OFF
Positive logic turns on the module during high logic and off during low logic.
Ctrl module on/off can be controlled by an external switch between the ctrl terminal and -Vin terminal.
The switch can be an open collector or open drain
For positive logic if the ctrl feature is not used, please leave the ctrl pin floating.
+Vin
+Vout
CTRL DC DC
Converter
Load
-Vin
-Vout
Over Voltage Protection
The module includes an internal output over voltage protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over voltage set point, the module will activate the control loop of
internal circuit to clamp the output voltage.
Over Current Protection
The module includes an internal over current protection circuit, which will endure current limiting for an unlimited
duration during output over load condition. If the output current exceeds the OCP set point, the module will shut
down automatically (hiccup).
The module will try to restart after shut down. If the over load condition still exists, the module will
shut down again.
DC/DC-Converter
20W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Measured with a 1.0uF MLCC capacitor and a 10uF
tantalum capacitor .
The Scope measurement bandwidth is 0-20MHz.
Copper Strip
Lin
Current
+Vin
+Vout
+Vout
Probe
Cin
DC/DC
Converter
Load
Single
DC/DC
Converter
1uF
+
10uF
Scope
Resistive
Load
-Vin
-Vout
-Vout
Output Ripple & Noise Reduction
To reduce ripple and noise, it is recommended to use a 1uF ceramic disk capacitor and a 10uF electrolytic
capacitor to at the output.
+
10uF
+Vin
+Vout
10uF
1uF
DC Power
Source
Cin
Single
DC/DC
Converter
Cout
Load
-
-Vin
-Vout
CTRL Module ON / OFF
Positive logic turns on the module during high logic and off during low logic.
Ctrl module on/off can be controlled by an external switch between the ctrl terminal and -Vin terminal.
The switch can be an open collector or open drain
For positive logic if the ctrl feature is not used, please leave the ctrl pin floating.
+Vin
+Vout
CTRL DC DC
Converter
Load
-Vin
-Vout
Over Voltage Protection
The module includes an internal output over voltage protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over voltage set point, the module will activate the control loop of
internal circuit to clamp the output voltage.
Over Current Protection
The module includes an internal over current protection circuit, which will endure current limiting for an unlimited
duration during output over load condition. If the output current exceeds the OCP set point, the module will shut
down automatically (hiccup).
The module will try to restart after shut down. If the over load condition still exists, the module will
shut down again.
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Measured with a 1.0uF MLCC capacitor and a 10uF
tantalum capacitor .
The Scope measurement bandwidth is 0-20MHz.
Copper Strip
Lin
Current
+Vin
+Vout
+Vout
Probe
Cin
DC/DC
Converter
Load
Single
DC/DC
Converter
1uF
+
10uF
Scope
Resistive
Load
-Vin
-Vout
-Vout
Output Ripple & Noise Reduction
To reduce ripple and noise, it is recommended to use a 1uF ceramic disk capacitor and a 10uF electrolytic
capacitor to at the output.
+
10uF
+Vin
+Vout
10uF
1uF
DC Power
Source
Cin
Single
DC/DC
Converter
Cout
Load
-
-Vin
-Vout
CTRL Module ON / OFF
Positive logic turns on the module during high logic and off during low logic.
Ctrl module on/off can be controlled by an external switch between the ctrl terminal and -Vin terminal.
The switch can be an open collector or open drain
For positive logic if the ctrl feature is not used, please leave the ctrl pin floating.
+Vin
+Vout
CTRL DC DC
Converter
Load
-Vin
-Vout
Over Voltage Protection
The module includes an internal output over voltage protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over voltage set point, the module will activate the control loop of
internal circuit to clamp the output voltage.
Over Current Protection
The module includes an internal over current protection circuit, which will endure current limiting for an unlimited
duration during output over load condition. If the output current exceeds the OCP set point, the module will shut
down automatically (hiccup).
The module will try to restart after shut down. If the over load condition still exists, the module will
shut down again.


Similar Part No. - RV7-1212S20A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RV7-1212S15A1 RSG-RV7-1212S15A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RV7-1212S20A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com