Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFS40-7624J Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFS40-7624J
Description  SIngle and triple output 40 - 50W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS40-7624J Datasheet(HTML) 3 Page - Artesyn Technologies

  NFS40-7624J Datasheet HTML 1Page - Artesyn Technologies NFS40-7624J Datasheet HTML 2Page - Artesyn Technologies NFS40-7624J Datasheet HTML 3Page - Artesyn Technologies NFS40-7624J Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.02.01.10_65
NFS40 Series
3 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Notes
1 Natural convection cooled, 40 W maximum.
2 Peak output current lasting less than 30 seconds with duty cycle less than 10%.
During peak loading, outputs may go outside of total regulation limits. Peak
total power must not exceed 60 W.
3 Forced air, 20 CFM at 1 atmosphere, 50 W maximum.
4 Figure is peak-to-peak. Output noise is measured across a 50 MHz bandwidth
using a 12 inch twisted pair, terminated with a 47 µF capacitor.
5 Total regulation is defined as the static output regulation at 25
°C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings. Also, 0.25<I(A)/
I(B)<5.0 to maintain stated regulation. This does not apply to the NFS40-7628J
power supply as it has regulated auxiliary outputs.
6 A minimum load of 0.5 A is required on the +5 V output to obtain full current
from the negative output.
7 The NFS40 offers the possibility of power sharing between outputs. Consult
factory for details.
8 Derating curve is application specific for ambient temperatures >50
°C, for
optimum reliability no part of the heatsink should exceed 110 oC and no
semiconductor case temperature should exceed 115 oC.
9 A 4 W minimum load is recommended to achieve the design MTBF.
10 Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
11 Three orthogonal axes, sweep at 1 octave/minute, 5 minute dwell at four major
resonances.
12 The NFS40-7628J has separately linear regulated +12 V and -12 V outputs. The
loading conditions in Notes 5 and 6 do not apply.
13 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
14 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
15 NOTICE: Some models do not support all options. Please contact your local
Emerson Network Power representative or use the on-line model number
search tool at http://www.PowerConversion.com to find a suitable alternative.
Ordering Information
Output
Voltage
Output Currents
Ripple (4)
Total
Regulation (5)
Model Numbers (13, 14, F)
Max (1)
Peak (2)
Fan (3)
+5.1 V (A)
3 A
7 A
5 A
50 mV
± 2.0%
NFS40-7608J (5,6)
+12 V (B)
2 A
3 A
2 A
120 mV
± 5.0%
–12 V (C)
0.35 A
1 A
0.5 A
120 mV
± 5.0%
+5.1 V (A)
4 A
7 A
5 A
50 mV
± 2.0%
NFS40-7628J (12)
+12 V (B)
0.35 A
1 A
0.5 A
120 mV
± 5.0%
-12 V (C)
0.35 A
1 A
0.5 A
120 mV
+ 5.0%
+5.1 V (A)
3 A
7 A
5 A
50 mV
± 2.0%
NFS40-7607J (5,6)
+12 V (B)
2 A
3 A
2 A
120 mV
± 5.0%
-5.0 V (C)
0.35 A
1 A
0.5 A
50 mV
± 5.0%
+5.1 V (A)
3 A
7 A
5 A
50 mV
± 2.0%
NFS40-7610J (5,6)
+15 V (B)
2 A
2.5 A
2 A
150 mV
± 10.0%/-3.0%
–15 V (C)
0.35 A
1 A
0.5 A
150 mV
± 5.0%
3.3 V
6 A
12 A
8 A
100 mV
± 2.0%
NFS40-76S3J
+5.1 V
6 A
12 A
8 A
100 mV
± 2.0%
NFS40-7605J
+12.0 V
3.3 A
5 A
4 A
120 mV
± 2.0%
NFS40-7612J
+15.0 V
2.6 A
4 A
3.3 A
150 mV
± 2.0%
NFS40-7615J
+24.0 V
1.6 A
2.5 A
2 A
240 mV
± 2.0%
NFS40-7624J
Pin Connections
J1
-7608J, -7628J
-7607J
-7610J
SINGLES
Pin 1
AC Live
AC Live
AC Live
AC Line
Pin 2
AC Neutral
AC Neutral
AC Neutral
AC Neutral
J2
Pin 1
+12 V
+12 V
+15 V
+Vout
Pin 2
+5.1 V
+5.1 V
+5.1 V
+Vout
Pin 3
+5.1 V
+5.1 V
+5.1 V
+Vout
Pin 4
Return
Return
Return
Return
Pin 5
Return
Return
Return
Return
Pin 6
-12 V
-5 V
-15 V
Return
P1(c)
Pin 1
Safety Ground
DERATING CURVE
Output Power (Watts)
0C
10C
20C
30C
40C
50C
60C
70C
20W
40W
50W
20 CFM FORCED AIR COOLING
25W
NATURAL
CONVECTION
COOLING


Similar Part No. - NFS40-7624J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS40-7624J EMERSON-NETWORKPOWER-NFS40-7624J Datasheet
1Mb / 4P
   5.0 x 3.0 x 1.2 inch package
More results

Similar Description - NFS40-7624J

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
LWT15H LAMBDA-LWT15H Datasheet
91Kb / 2P
   Triple output 17W ~ 50W
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
   50W Triple Output Switching Power Supply
logo
Artesyn Technologies
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50_10 Datasheet
415Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_10 Datasheet
428Kb / 2P
   50W Triple Output Switching Power Supply
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com