Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5-2415R30A1W Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RS5-2415R30A1W
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-2415R30A1W Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RS5-2415R30A1W Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-2415R30A1W Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-2415R30A1W Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-2415R30A1W Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 1 (4)
DC/DC-Converter
3.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
• 8 Pin SIL Package
• Wide 4:1 Input Range
• 1600VDC Isolation
• Continuous Short Circuit Protection
• Efficiency up to 82%
• Operating Temperature Range
-40° ~ +85°C
• Non Conductive Black Plastic Case
• Remote on/off Control(Optional)
OUTPUT SPECIFICATION
Voltage accuracy: ±1%
Maximum Output Current: See table
Lineregulation:±0.2%max.
LOAD REGULATION: Single(from0%to100%Load)±1% max
Dual(from10%to100%Load)±1%max
CrossRegulation(DualOutput): ±5%
ShortCircuitProtection: Indefinite(AutomaticRecovery)
Ripplenoise(20Mhzbandwidth): 30mVpk-pkmax.
Temperaturecoefficient: ±0.02%<>°C
Capacitorload: Seetable
TransientRecoveryTime: 250us,typ.
TransientResponse: (Deviation)±3%max.
INPUT SPECIFICATIONS
Voltage Range: See table
StartupTime: 30ms,typ.
Max.InputCurrent: Seetable
No-Load/Full-LoadInputCurrent: Seetable
InputFilter: Capacitors
InputReflectedRippleCurrent: 20mApk-pk
GENERAL SPECIFICATIONS
Efficiency: Seetable
I/OIsolationVoltage(60sec): 1600VDC
I/OIsolationCapacitance: 200pFmax.
I/OIsolationResistance: 1000MOhm,min
SwitchingFrequency: 250kHz,typ.
Humidity: 95%relH
ReliabilityCalculatedMTBF: >1.7MHrs
(MIL-HDBK-217f)
SafetyStandard:(designedtomeet):IEC60950-1
RemoteonControll: on:0openorhighimpedance
RemoteoffControll: Off:2-4mAInputcurrent(Via1K)
Offstandbycurrent(NominalVin): 2.5mAmax.
ENVIRONMENTAL SPECIFICATION
OperatingTemperaturerange: -40°C~+85°C(seeDeratingCurve)
MaximumCaseTemperature: 100°C
StorageTemperature: -40°C~+125°C
Cooling: NatureConvection
PHYSICAL SPECIFICATIONS:
CaseMaterial: Nonconductiveblackplastic
PINMaterialSIPCase: C519R-HSolder-coated
PottingMaterial: Silicon(UL94V-0rated)
WeightCase-Sip: 4.8g,typ.
DimmensionSIP: 0.86“x0.36“x0.44“
ABSOLUTE MAXIMUM RATINGS
InputSurgeVoltage(100ms)/
12VModels: 25VDCmax.
12VModels: 50VDCmax.
48VModels: 100VDCmax.
SolderingTemperature: 260°Cmax. (2)
EMC SPECIFICATIONS
Radiated-/ConductedEmissions: EN55022ClassA(seeEMIFilternote)
ESD: IEC61000-4-2Perf.CriteriaA
RS: IEC61000-4-3Perf.CriteriaA
EFT: IEC61000-4-4Perf.CriteriaA
SURGE: IEC61000-4-5Perf.CriteriaA
CS: IEC61000-4-6Perf.CriteriaA
PFMF IEC61000-4-8Perf.CriteriaA
1)Thesearestressratings.Exposureofdevicestoanyoftheseconditionsmay
adverselyaffectlong-termreliability.
2)(1.5mmfromcase10secMax.)
3)AllspecificationstypicalatTA=25°C,nominalinputvoltageandfullload
unlessotherwisespecified.
4)Theinformationandspecificationcontainedinthisdatasheetarebelieved
tobecorrectattimeofpublication.HoweverRSGacceptsno
responsibilityforconsequencesarisingfromprintingerrorsorinaccuracies.
Specificationsaresubjecttochangewithoutnotice.
RoHS


Similar Part No. - RS5-2415R30A1W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS5-2415R30A1 RSG-RS5-2415R30A1 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RS5-2415R30A1 RSG-RS5-2415R30A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RS5-2415R30A1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com