Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS8-1224R10A1 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS8-1224R10A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS8-1224R10A1 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS8-1224R10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RS8-1224R10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RS8-1224R10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RS8-1224R10A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page3(4)
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
+Vout
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Lin
Current
Probe
Cin
+Vin
DC/DC
Converter
Load
-Vin
-Vout
Output Ripple & Noise Measurement Test
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 20MHz.
+Vout
Single
DC/DC
Copper Strip
1uF
Scope
Resistive
Dual
DC/DC
+Vout
Copper Strip
1uF
Cout
Scope
Resistive
Converter
-Vout
Cout
Load
COM
Converter
-Vout
1uF
Cout
Scope
Load
EMI Filter
Input filter components (C1,C2,L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
+Vin
L
+Vout
DC/DC
C1
Converter
Load
-Vin
-Vout
C2
+Vin
L
+Vout
Load
DC/DC Com
C1
Converter
Load
-Vin
-Vout
C2
C1
C2
L
RS8-05XXR/RD10A1
MLCC
4,7uF/50V
MLCC
220uF/3KV
4.7uH
RS8-12XXR/RD10A1
MLCC
4,7uF/50V
MLCC
220uF/3KV
4.7uH
RS8-24XXR/RD10A1
MLCC
4,7uF/50V
MLCC
220uF/3KV
18uH
RS8-48XXR/RD10A1
MLCC
4,7uF/100V
MLCC
220uF/3KV
18uH
DC/DC-Converter
1.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
+Vout
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Lin
Current
Probe
Cin
+Vin
DC/DC
Converter
Load
-Vin
-Vout
Output Ripple & Noise Measurement Test
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 20MHz.
+Vout
Single
DC/DC
Copper Strip
1uF
Scope
Resistive
Dual
DC/DC
+Vout
Copper Strip
1uF
Cout
Scope
Resistive
Converter
-Vout
Cout
Load
COM
Converter
-Vout
1uF
Cout
Scope
Load
EMI Filter
Input filter components (C1,C2,L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
+Vin
L
+Vout
DC/DC
C1
Converter
Load
-Vin
-Vout
C2
+Vin
L
+Vout
Load
DC/DC Com
C1
Converter
Load
-Vin
-Vout
C2
C1
C2
L
RS8-05XXR/RD10A1
MLCC
4,7uF/50V
MLCC
220uF/3KV
4.7uH
RS8-12XXR/RD10A1
MLCC
4,7uF/50V
MLCC
220uF/3KV
4.7uH
RS8-24XXR/RD10A1
MLCC
4,7uF/50V
MLCC
220uF/3KV
18uH
RS8-48XXR/RD10A1
MLCC
4,7uF/100V
MLCC
220uF/3KV
18uH


Similar Part No. - RS8-1224R10A1

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
RS8 CHENG-YI-RS8 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Nichicon corporation
RS8 NICHICON-RS8 Datasheet
710Kb / 2P
   Low ESR / ESL, Low Profile
logo
Schneider Electric
RS80 SCHNEIDER-RS80 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Okaya Electric America,...
RS800480T-7X0GP-A OKAYA-RS800480T-7X0GP-A Datasheet
648Kb / 21P
   Transmissive and back-light with 27 LEDs are available.
logo
CHENG-YI ELECTRONIC CO....
RS8005 CHENG-YI-RS8005 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - RS8-1224R10A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com