Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM7G30US60N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMM7G30US60N
Description  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMM7G30US60N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMM7G30US60N Datasheet HTML 1Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 2Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 3Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 4Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 5Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 6Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 7Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 8Page - Fairchild Semiconductor FMM7G30US60N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
FMM7G30US60N Rev. A
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.005
0.01
0.1
1
5
IGBT
:
DIODE :
Rectangular Pulse Duration [sec]
0 . 1
1
1 0
0
1 0 0 0
2 0 0 0
3 0 0 0
4 0 0 0
5 0 0 0
C o m m o n E m i t t e r
V
G E
= 0 V , f = 1
M H z
T
C
= 2 5 o C
C r e s
C o e s
C i e s
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E
[ V ]
0
1
2
3
4
5
6
0
2 0
4 0
6 0
8 0
1 0 0
20V
18V
16V
15V
14V 12V
V
GE = 10V
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E ( s a t )
[ V ]
Common Emitter
T
C = 25
oC
1
1 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
Common Emitter
V
GE = 15 V
T
C =
25℃ ━━
T
C = 125
℃ ------
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E ( s a t )
[ V ]
- 5 0
0
5 0
1 0 0
1 5 0
1 . 0
1 . 5
2 . 0
2 . 5
3 . 0
3 . 5
4 . 0
30 A
15 A
60 A
C a s e T e m p e r a t u r e , T
C
[ o C ]
Common Emitter
V
GE = 15 V
0
1
2
3
4
5
6
0
2 0
4 0
6 0
8 0
1 0 0
20V
18V
15V
16V
14V
12V
V
GE = 10V
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E ( s a t )
[ V ]
Common Emitter
T
C = 125
oC
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage
Characteristics
Fig 3. Typical Saturation Voltage
Characteristics
Fig 5. Transient Thermal Impedance
Fig 6. Capacitance Characteristics
Fig 4. Saturation Voltage vs. Case
Temperature at Variant Current Level


Similar Part No. - FMM7G30US60N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM75-01F IXYS-FMM75-01F Datasheet
46Kb / 2P
   HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM
More results

Similar Description - FMM7G30US60N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com