Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

565RSB102K4R Datasheet(PDF) 10 Page - Illinois Capacitor, Inc.

Part # 565RSB102K4R
Description  Power semiconductor module protection - High pulse and rms current ??Multiple Leads
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

565RSB102K4R Datasheet(HTML) 10 Page - Illinois Capacitor, Inc.

Back Button 565RSB102K4R Datasheet HTML 3Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 4Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 5Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 6Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 7Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 8Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 9Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 10Page - Illinois Capacitor, Inc. 565RSB102K4R Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
4
700
405PSB700K6R
200
27
2.4
57.5x45x30
52.5
1.2
10.2
6
4
700
405PSB700K4R
360
27
2.4
57.5x45x30
52.5
1.2
20.3
4
4
850
405RSB850K4R
360
22
3.7
57.5x45x30
52.5
1.2
20.3
4
4
850
405PSB850K4R
450
27
2
57.5x50x35
52.5
1.2
20.3
4
4
850
405PSB850K6R
450
32.5
1.9
57.5x50x35
52.5
1.2
10.2
6
4
850
405RSB850K2R
360
14
4.3
57.5x45x30
52.5
1.2
2
4
850
405PSB850K2R
450
14
2.6
57.5x50x35
52.5
1.2
2
4
1000 405PSB102K4R
500
27
2
57.5x57.5x38
52.5
1.2
20.3
4
4
1000 405RSB102K4R
450
27
2.8
57.5x50x35
52.5
1.2
20.3
4
4
1000 405RSB102K2R
450
14
3.5
57.5x50x35
52.5
1.2
2
4
1000 405PSB102K6R
500
34
1.9
57.5x57.5x38
52.5
1.2
10.2
6
4
1200 405RSB122K6R
500
29
2.5
57.5x57.5x38
52.5
1.2
10.2
6
4
1200 405RSB122K4R
500
27
2.6
57.5x57.5x38
52.5
1.2
20.3
4
4.7
700
475PSB700K2R
360
14
2.9
57.5x50x35
52.5
1.2
2
4.7
700
475RSB700K2J
455
14
3.4
42.5x45x30
37.5
1.2
2
4.7
700
475PSB102K6R
500
37.5
1.7
57.5x57.5x38
52.5
1.2
10.2
6
4.7
700
475PSB700K4R
360
27
2.2
57.5x50x35
52.5
1.2
20.3
4
4.7
700
475RSB700K4J
455
24.5
2.7
42.5x45x30
37.5
1.2
20.3
4
4.7
700
475PSB700K6R
360
30
2.1
57.5x50x35
52.5
1.2
10.2
6
4.7
850
475PSB850K4R
450
27
1.9
57.5x50x35
52.5
1.2
20.3
4
4.7
850
475PSB850K6R
450
34.5
1.8
57.5x50x35
52.5
1.2
10.2
6
4.7
850
475PSB850K2R
450
14
2.5
57.5x50x35
52.5
1.2
2
4.7
1000 475RSB102K2R
450
14
3.3
57.5x50x35
52.5
1.2
2
4.7
1000 475RSB102K4R
450
27
2.7
57.5x50x35
52.5
1.2
20.3
4
4.7
1000 475PSB102K4R
500
27
1.8
57.5x57.5x38
52.5
1.2
20.3
4
4.7
1200 475RSB122K4R
500
27
2.4
57.5x57.5x38
52.5
1.2
20.3
4
4.7
1200 475RSB122K6R
500
33
2.3
57.5x57.5x38
52.5
1.2
10.2
6
5
700
505RSB700K4J
455
24.5
2.7
42.5x45x30
37.5
1.2
20.3
4
5
700
505PSB700K4R
360
27
2.2
57.5x50x35
52.5
1.2
20.3
4
5
700
505PSB700K6R
360
30.5
2.1
57.5x50x35
52.5
1.2
10.2
6
5
700
505PSB700K2R
360
14
2.9
57.5x50x35
52.5
1.2
2
5
700
505RSB700K2J
455
14
3.4
42.5x45x30
37.5
1.2
2
5.6
700
565PSB700K2R
360
14
2.6
57.5x50x35
52.5
1.2
2
5.6
700
565PSB700K6R
360
32
1.8
57.5x50x35
52.5
1.2
10.2
6
5.6
700
565PSB700K4R
360
27
1.9
57.5x50x35
52.5
1.2
20.3
4
5.6
850
565PSB850K4R
450
27
1.7
57.5x57.5x38
52.5
1.2
20.3
4
5.6
850
565RSB850K4R
360
26.5
3
57.5x50x35
52.5
1.2
20.3
4
5.6
850
565PSB850K6R
450
37
1.6
57.5x57.5x38
52.5
1.2
10.2
6
5.6
850
565RSB850K2R
360
14
3.6
57.5x50x35
52.5
1.2
2
5.6
1000 565RSB102K6R
450
31
2.4
57.5x57.5x38
52.5
1.2
10.2
6
5.6
1000 565RSB102K4R
450
27
2.5
57.5x57.5x38
52.5
1.2
20.3
4
6
850
605PSB850K4R
450
27
1.7
57.5x57.5x38
52.5
1.2
20.3
4
6
850
605PSB850K6R
450
38
1.6
57.5x57.5x38
52.5
1.2
10.2
6
6
1000 605RSB102K4R
450
27
2.4
57.5x57.5x38
52.5
1.2
20.3
4
6
1000 605RSB102K6R
450
33
2.3
57.5x57.5x38
52.5
1.2
10.2
6
6.3
700
635PSB700K6R
360
33.5
1.8
57.5x50x35
52.5
1.2
10.2
6
6.3
700
635PSB700K4R
360
27
1.9
57.5x50x35
52.5
1.2
20.3
4
6.3
700
635PSB700K2R
360
14
2.6
57.5x50x35
52.5
1.2
2
6.8
700
685RSB700K2R
285
14
4
57.5x45x30
52.5
1.2
2
6.8
700
685PSB700K4R
360
27
1.8
57.5x57.5x38
52.5
1.2
20.3
4
6.8
700
685RSB700K4R
285
23.5
3.3
57.5x45x30
52.5
1.2
20.3
4
6.8
700
685PSB700K6R
360
35.5
1.7
57.5x57.5x38
52.5
1.2
10.2
6
6.8
850
685RSB850K6R
360
29.5
2.6
57.5x57.5x38
52.5
1.2
10.2
6
6.8
850
685RSB850K4R
360
27
2.7
57.5x57.5x38
52.5
1.2
20.3
4
8
700
805PSB700K4R
360
27
1.7
57.5x57.5x38
52.5
1.2
20.3
4
8
700
805PSB700K6R
360
38
1.6
57.5x57.5x38
52.5
1.2
10.2
6
8
850
805RSB850K6R
360
33
2.3
57.5x57.5x38
52.5
1.2
10.2
6
8
850
805RSB850K4R
360
27
2.4
57.5x57.5x38
52.5
1.2
20.3
4


Similar Part No. - 565RSB102K4R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
565R VISHAY-565R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
565R VISHAY-565R Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
565R10GAP10 VISHAY-565R10GAP10 Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
Revision: 07-Feb-13
565R10GAP10 VISHAY-565R10GAP10 Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
565R10HKS50 VISHAY-565R10HKS50 Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
Revision: 07-Feb-13
More results

Similar Description - 565RSB102K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PMB ILLINOISCAPACITOR-PMB Datasheet
661Kb / 5P
   Power semiconductor module protection - High pulse and
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
   High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
Sangdest Microelectroni...
153CMQ SMC-153CMQ Datasheet
278Kb / 4P
   Multiple leads per terminal for high frequency, high current PC board mounting
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com