Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPS28-M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NPS28-M
Description  Medical and ITE safety approvals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NPS28-M Datasheet(HTML) 2 Page - Artesyn Technologies

  NPS28-M Datasheet HTML 1Page - Artesyn Technologies NPS28-M Datasheet HTML 2Page - Artesyn Technologies NPS28-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPS20-M Series Data Sheet
Environmental Specifications
Operating temperature
0° to 50 °C ambient derate each output at 2.5% per degree from 50° to 80 °C. -20 °C start up
Storage temperature
-45 °C to +85 °C
Electromagnetic susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 90% RH
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated
> 550,000 hours at full load and 25 °C ambient conditions
Mechanical Drawing
4.00"
(101.6)
3.73"
(94.6)
VR1
OUTPUT VOLTAGE
ADJUST POT
M1
GND TAB
(CN1)
PIN1
PIN3
INPUT
CONNECTOR
(SK1)
Ø (4.0) MOUNTING HOLE
(4 PLACES)
MODEL LABEL
ROHS LABEL
6 PIN OUTPUT
CONNECTOR
(SK2)
PIN1
PIN6
0.86"
(21.8 max)
BARCODE
0.197” (5.0) MINIMUM STANDOFF HEIGHT


Similar Part No. - NPS28-M

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPS2-T126 RIEDON-NPS2-T126 Datasheet
278Kb / 2P
   Power SMD Resistors
NPS2-T126 RIEDON-NPS2-T126 Datasheet
177Kb / 2P
   Power SMD Resistors
NPS2-T12611OHMS RIEDON-NPS2-T12611OHMS Datasheet
177Kb / 2P
   Power SMD Resistors
NPS2-T126 RIEDON-NPS2-T126_13 Datasheet
177Kb / 2P
   Power SMD Resistors
NPS2-T126 RIEDON-NPS2-T126_16 Datasheet
180Kb / 2P
   Power SMD Resistors
More results

Similar Description - NPS28-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
   Medical and ITE Safety Approvals
logo
FSP TECHNOLOGY INC.
FSP042-1K40M1 FSP-FSP042-1K40M1 Datasheet
142Kb / 1P
   Medical and ITE approvals
FSP042-3K13M1 FSP-FSP042-3K13M1 Datasheet
143Kb / 1P
   Medical and ITE approvals
FSP042-3K20M1 FSP-FSP042-3K20M1 Datasheet
115Kb / 1P
   Medical and ITE approvals
FSP100-1K70M1 FSP-FSP100-1K70M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP060-1K40M1 FSP-FSP060-1K40M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-3K10M1 FSP-FSP060-3K10M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-3K15M1 FSP-FSP060-3K15M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-3K90M1 FSP-FSP060-3K90M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com