Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPS64-M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NPS64-M
Description  Total Power: 60 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NPS64-M Datasheet(HTML) 2 Page - Artesyn Technologies

  NPS64-M Datasheet HTML 1Page - Artesyn Technologies NPS64-M Datasheet HTML 2Page - Artesyn Technologies NPS64-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPS60-M Series Data Sheet
Environmental Specifications
Operating temperature
0 ° to 50 °C ambient derate each output at 2.5% per degree from 50 ° to 80 °C. -20 °C start up
Storage temperature
-45 °C to +85 °C
Electromagnetic susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 90% RH
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated
> 550,000 hours at full load and 25 °C ambient conditions
Mechanical Drawing
BARCODE
SERIAL LABEL
GND TAB
(CN1)
M1
PIN 1
PIN 3
SK1
MODEL LABEL
ROHS LABEL
0.16” (4.0) MOUNTING HOLE
(4 PLACES)
4.00"
(101.6) 3.73"
(94.6)
PIN 1
PIN 6
SK2
0.87"
(22)
NPS62-M 1.14” (29)
M2
6 PIN OUTPUT
CONNECTOR
(SK2)
INPUT
CONNECTOR
(SK1)
VR1
OUTPUT VOLTAGE
ADJUST POT
0.197” (5.0) MINIMUM STANDOFF HEIGHT


Similar Part No. - NPS64-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPS64-M EMERSON-NETWORKPOWER-NPS64-M Datasheet
391Kb / 4P
   90 - 264 VAC (wide range) 127-300 Vdc
logo
Advanced Energy Industr...
NPS64-M ADVANCEDENERGY-NPS64-M Datasheet
569Kb / 5P
   ARTESYN NPS60-M SERIES 60 W
01 4.20
More results

Similar Description - NPS64-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
   Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
   Total Power: 55 - 60 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
   Total Power: 40 - 60 Watts
LPS61 ARTESYN-LPS61 Datasheet
585Kb / 3P
   Total Power: 60 - 80 Watts
LPT61 ARTESYN-LPT61 Datasheet
745Kb / 3P
   Total Power: 60 - 80 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
   Total Power: 60 - 80 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com