Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPS63-M-0064 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NPS63-M-0064
Description  Total Power: 60 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NPS63-M-0064 Datasheet(HTML) 1 Page - Artesyn Technologies

  NPS63-M-0064 Datasheet HTML 1Page - Artesyn Technologies NPS63-M-0064 Datasheet HTML 2Page - Artesyn Technologies NPS63-M-0064 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
NPS60-M Series
60 Watts
Total Power: 60 Watts
Input Voltage: 90 - 264 VAC
127 - 300 VDC
# of Outputs: Single
SPECIAL FEATURES
ƒ
Medical and ITE safety approvals
ƒ
Universal input
ƒ
Less than 1U high
ƒ
2” x 4” footprint
ƒ
Remote sense
ƒ
Overload and short circuit protection
ƒ
Adjustable output voltage
ƒ
High efficiency
ƒ
High MTBF
ƒ
Built-in EMI filter (CISPR 22 Class B)
ƒ
International Efficiency Level V,
Energy Star 2.0 & CeC compliant
(except NPS62-M)
ƒ
Less than 300 mW no-load power
consumption (less than 500 mW for
NPS62-M)
ƒ
0 °C to +80 °C operation
ƒ
Input power < 74 watts
ƒ
Complies with EN61000-3-2
ƒ
UL Class I approved
ƒ
Class II approved (with Class A EMI)
ƒ
LPX100 enclosure kit available
ƒ
Dual AC fuses
ƒ
RoHS compliant
SAFETY
ƒ
TUV:
60950, 60601-1
ƒ
UL:
60950, 60601-1
ƒ
CSA:
60950, 60601-1
ƒ
NEMKO: 60950, 60601-1
ƒ
CB:
Certificate and report
ƒ
CE:
Mark (LVD)
ƒ
CCC:
Mark
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range) 127-300 Vdc
Frequency
47 - 63 Hz
Inrush current
< 50 A peak @ 230 Vac, cold start @ 25° C
Input power
< 74 Watts
Efficiency
87% average (as per Energy Star 2.0 standard) (NPS62-M, 80%)
EMI/RFI
FCC Class B conducted; CISPR 22 Class B conducted; EN55022
Class B conducted, VDE0878PT3 Class B conducted
Safety ground
leakage current
275 µA @ 50/60 Hz; 264 Vac input
Output
Maximum power
60 W for convection
Adjustment range
± 20% minimum
Hold-up time
13/75 ms 115/230 Vac input line
Overload protection
Short circuit protection on all outputs. Case overload protected @
110-160% of normal rating
Overvoltage protection
30-50% above nominal output
Remote sense
Compensated for 0.5 V lead drop max. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - NPS63-M-0064

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
NPS63-M-0064 ADVANCEDENERGY-NPS63-M-0064 Datasheet
569Kb / 5P
   ARTESYN NPS60-M SERIES 60 W
01 4.20
More results

Similar Description - NPS63-M-0064

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
   Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
   Total Power: 55 - 60 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
   Total Power: 40 - 60 Watts
LPS61 ARTESYN-LPS61 Datasheet
585Kb / 3P
   Total Power: 60 - 80 Watts
LPT61 ARTESYN-LPT61 Datasheet
745Kb / 3P
   Total Power: 60 - 80 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
   Total Power: 60 - 80 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com